Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # AJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button AJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 10Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 11Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
EJ1
Ratings
* Auxiliary output can be allocated using the bus output allocation for each Basic Unit.
Characteristics
Communications
*1. Port B communications for the End Unit cannot be used when port C communications for the HFU is used.
*2. Port A connector communications and port A terminal communications cannot be used at the same time.
End Unit/EJ1
C-EDU
Power supply voltage
24 VDC
Operating voltage range
85% to 110% of rated voltage
Auxiliary output
*
Outputs
2
Transistor outputs
Max. operating voltage: 30 VDC, Max. load current: 50 mA
Ambient temperature range
Operating:
−10°C to 55°C
Storage:
−25°C to 65°C (with no icing or condensation)
Ambient humidity range
Operating: 25% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
600 VAC, 50/60 Hz for 1 min between current-carrying terminals of different polarity
Vibration resistance
10 to 55 Hz, 20 m/s2 for 2 hours each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in 6 directions
Weight
70 g
Degree of protection
End Unit case: IP20, Terminal section: IP00
Standards
Approved standards
UL61010C-1, CSA C22.2 No.1010-1
EMC Directive
Same as for the Basic Unit. Refer to page 3.
Port B
*1
Basic Unit Communications (Refer to “Communications Specifications” on page 4.)
Port A
Basic Unit Communications (Refer to “Communications Specifications” on page 4.)
Port A connector
*2
E58-CIFQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com