Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R2 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # AJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R2 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button AJ71QC24N-R2 Datasheet HTML 11Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 12Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 13Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 14Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 15Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 16Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 17Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 18Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
EJ1
15
Nomenclature and Specification Settings
Part Names
Operation Indicators
EJ1N-TC2/TC4
EJ1N-HFU
@-NFL@
* Some time is required for the indicators to light after the power is turned ON.
Specification Settings
Switch Operation
• Check that the EJ1 is turned OFF before operating any switch
other than pin 6 of SW2. Settings are read only when power is
turned ON.
• Set the switches with a small flat-blade screwdriver. Do not set the
switches midway between settings.
• SW1 is set to 1 and SW2 pins are all set to OFF in the default
settings.
Setting the Unit Number
SW1 and SW2 are used together to set the unit number to between
00 and 63. The factory setting is unit number 01.
SW2 Settings
EJ1N-TC2/TC4
* Refer to the User's Manual (Cat. No. H142) for details.
Note: Make sure power to the Unit is turned OFF before making
settings for any pin other than pin 6.
Pin 6 can be turned ON or OFF while the power is ON.
EJ1N-HFU
@-NFL@
COM1
COM2
COM3
PWR
RUN
ERR
ALM
1
2
3
4 OUT
SW2
6
EJ1N-TC
SW1
ON
OPN
BCD
SW1
SW2
Operation
Indicators
COM1
COM2
COM3
Operation
Indicators
PWR 1
RUN 2
ERR 3
ALM 4
Operation Indicators
Meaning: When SW2
No. 6 is OFF
Meaning: When SW2
No. 6 is ON
PWR/1
green
Lights when the power is ON. Lit when output 1 is ON.
RUN/2
green
Lights during operation. Lit when output 2 is ON.
ERR/3
red
Flashes or lights when
an error occurs.
Lit when output 3 is ON.
ALM/4
red
Lights when an alarm is
activated.
Lit when output 4 is ON.
COM 1
orange
Flashes during communications via port A on the End Unit.
COM 2
orange
Flashes during communications via port B on the End Unit.
COM 3
orange
Flashes during communications with the G3ZA.
Operation Indicators
Meaning
PWR
green
Lit while the power is ON.
*
RUN
green
---
ERR
red
Flashes or lights when an error occurs.
ALM
red
Lights when an alarm is activated.
COM 1
orange
Flashes during communications via port A
on the End Unit.
COM 2
orange
Flashes when the EJ1 system is in operation.
COM 3
orange
Flashes during communications via port C.
V1.2
V1.2
V1.2
V1.2
V1.2
SW2
SW1
1
2
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
OFF OFF
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
ON
OFF
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
OFF
ON
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
ON
ON
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
012
F
2
13 4 5 6 7 8
SW1SW2
SW2
Meaning
3
Set to ON when using the Modbus communications protocol for port B.
OFF: The setting value for port B communications protocol is used.
(default: Compoway/F)
*
ON: Modbus is used.
4 to 5
Set the baud rate of port B.
4 = OFF, 5 = OFF: The setting value for port B baud rate is used.
(default: 9.6 kbps)
*
4 = ON, 5 = OFF: 19.2 kbps
4 = OFF, 5 = ON: 38.4 kbps
4 = ON, 5 = ON:
115.2 kbps
6
Set to ON to display the output status on the operation indicators.
OFF: The operation status is displayed (PWR, RUN,
ERR, and ALM).
ON: The output status is displayed (outputs 1, 2, 3, and 4).
Note: Normally keep this pin set to OFF so that the
operation status can be checked.
7
ON: G3ZA Multi-channel Power Controller in operation
ON when using a G3PW Power Controller.
8
Use when EJ1N-HFU HFUs with Programless Communications
are used for distributed placement of Temperature Controllers.
OFF: Distributed placement not used. Or, HFUs with DeviceNet
Communications used for distributed placement.
ON: HFUs with Programless Communications used for
distributed placement.
SW2
Meaning
3 to 7
Not used (OFF)
8
• EJ1N-HFU@-NFLK
OFF: RS-485 is selected.
ON: RS-232C is selected.
• EJ1N-HFU@-NFL2
OFF (Not used.)
V1.2
V1.2
V1.2
V1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com