Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R2 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # AJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R2 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button AJ71QC24N-R2 Datasheet HTML 12Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 13Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 14Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 15Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 16Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 17Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 18Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 19Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
EJ1
Part Names (EJ1N-HFUB-DRT)
Operation Indicators
EJ1N-HFUB-DRT
Specification Settings
Switch Operation
• Always turn OFF the DeviceNet communications power supply and
EDU power supply before setting the Unit.
*
• Set the switches with a small flat-blade screwdriver. Do not set the
switches midway between settings.
• The SW1 switches are set to 00, SW2 is set to 0, and SW3 pins are
all set to OFF in the default settings.
* The setting of pin 3 on SW3 can be changed while the power is ON.
SW1 Settings
Use these switches to set the node address as a slave in the
DeviceNet network between 00 and 63 decimal (node addresses 64
to 99 cannot be used).
SW2 Settings
Use this switch to set the highest communications unit number (0 to
F: 0 to 15 decimal) of the connected Temperature Controllers. This
setting is enabled only when DIP switch pin 1 is set to ON (simple I/O
allocations).
SW3 Settings
SW1
SW2
SW3
EJ1N
DRT
MS
NS
TS
MAX
No.
NODE
ADR
COPY
EDS
UP/DN
MODE
TC2/4
NO
x 10
x 1
3
2
3
2
4
3 5
Indicators
Operation Indicators
Meaning
MS
Module
status
Green
ON: The Unit condition is normal.
Flashing: The connection configuration
has not been set.
Red
ON: Fatal error
Flashing: Non-fatal error
NS
Network
status
Green
ON: Communications established
Flashing: Communications not
established
Red
ON: Fatal communications error
Flashing: Non-fatal communications error
TS
Temperature
Controller
communicat
ions status
Green
ON: Communicating with the
Temperature Controllers
Flashing: The copy operation is being
performed.
Red
Flashing: Communications error with a
Temperature Controller
Flashing: The copy operation failed.
NODE
ADR
x 10
x1
3
2
3
2
DeviceNet node
address setting
MAX
No.
4
3 5
Highest communications
unit number
DIP switch
Meaning
6 (COPY)
---
Upload/Download
OFF
→ ON (1 s min., 5 s max.) → OFF
5
---
Not used.
4 (EDS)
OFF
Use the OMRON Configurator.
ON
Use universal Configurator. (EDS files
supported)
3 (UP/DN)
OFF
Upload (from Temperature Controller to
DeviceNet Communications Unit)
ON
Download (from DeviceNet
Communications Unit to Temperature
Controller)
2 (TC2/4)
OFF
Simple allocation to TC2 Units.
ON
Simple allocation to TC4 Units.
1 (MODE)
OFF
I/O Allocation from the Configurator.
ON
Simple I/O Allocation
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com