Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # AJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  AJ71QC24N-R2 Datasheet HTML 1Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 2Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 3Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
EJ1
Accessories (Order Separately)
Current Transformer (CT)
G3ZA Connecting Cable
Rail Mounting Equipment
CX-Thermo Support Software Ver. 4.1
USB-Serial Conversion Cable
Specifications
Ratings
* Inputs are fully universal. Therefore, platinum resistance thermometer, thermocouple, infrared thermosensor, and analog input can be selected.
Diameter
Model
5.8 dia.
E54-CT1
12.0 dia.
E54-CT3
Cable length
Model
5 m
EJ1C-CBLA050
Name
Model
Mounting Rail
PFP-100N
PFP-50N
Model
EST2-2C-MV4
Model
E58-CIFQ1
Basic Unit/EJ1
N-TC
Item
Type
EJ1
N-TC4
EJ1
N-TC2
Power supply voltage
24 VDC
Operating voltage range
85% to 110% of rated voltage
Power consumption
5 W max. (at maximum load)
4 W max. (at maximum load)
Input
*
Thermocouple:
K, J, T, E, L, U, N, R, S, B, W, PLII
ES1B Infrared Thermosensor:
10 to 70°C, 60 to 120°C, 115 to 165°C, 140 to 260°C
Analog input:
4 to 20 mA, 0 to 20 mA, 1 to 5 V, 0 to 5 V, 0 to 10 V
Platinum resistance thermometer:
Pt100, JPt100
Input impedance
Current input: 150
Ω max., voltage input: 1 MΩ min.
Control
outputs
Voltage output
Output voltage: 12 VDC ±15%, max. load current: 21 mA (PNP models with short-circuit protection circuit)
Transistor output
---
Max. operating voltage: 30 V, max. load current: 100 mA
Current output
---
Current output range: 4 to 20 mA or 0 to 20 mA DC
Load: 500
Ω max. (including transfer output)
(Resolution: Approx. 2,800 for 4 to 20 mA DC, approx.
3,500 for 0 to 20 mA DC)
Event
inputs
Input points
---
2
Contact input
---
ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact
input
---
ON: Residual voltage: 1.5 V max.,
OFF: Leakage current: 0.1 mA max.
---
Outflow current: Approx. 4 mA per point
Number of input and control
points
Input points: 4, Control points: 4
Input points: 2, Control points: 2
Setting method
Via communications
Control method
ON/OFF control or 2-PID (with autotuning, self-tuning)
Other functions
Two-point input shift, digital input filter, remote SP, SP ramp, manual manipulated variable, manipulated variable
limiter, interference overshoot adjustment, loop burnout alarm, RUN/STOP, banks, I/O allocations, etc.
Ambient temperature range
Operating:
−10°C to 55°C, Storage: −25°C to 65°C (with no icing or condensation)
Ambient humidity range
Operating: 25% to 85% (with no condensation)
V1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com