Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ71QC24N-R2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # AJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AJ71QC24N-R2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  AJ71QC24N-R2 Datasheet HTML 1Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 2Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 3Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC AJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EJ1
3
Characteristics
*1. The indication of K thermocouples in the −200 to 1,300°C range, T and N thermocouples at a temperature of −100°C or less, and U and L
thermocouples at any temperature is ±2°C ±1 digit maximum. The indication of B thermocouples at a temperature of 400°C or less is
unrestricted. The indication of R and S thermocouples at a temperature of 200°C or less is ±3°C ±1 digit max.
W = (±0.5% of indication value (PV) or ±3°C, whichever is greater) ±1 digit max. PLII = (±0.5% of indication value (PV) or ±2°C, whichever is
greater) ±1 digit max.
The indication accuracy for K thermocouples in the
−199.9 to 999.9°C range
is (±0.5% of indication value (PV) or ±1°C, whichever is
greater) ±10 digit maximum. However, at a temperature of -100°C or less, it is ±2°C ±10 digit maximum.
*2. “EU” stands for Engineering Unit. The location of the decimal point depends on the type of sensor that is selected.
If the decimal point locations is set to 0 (****), however, it will be treated as if it were set to 1 (***.*).
*3. B, R, S, and W sensors: 0.2°C/Ω max. (100 Ω max.)
Indication accuracy
Thermocouple input/platinum resistance thermometer input:
(±0.5% of indication value (PV) or ±1°C, whichever is greater) ±1 digit max.
*1
Analog input: ±0.5% FS ±1 digit max.
CT input:
±5% FS ±1 digit max.
Hysteresis
0.1 to 999.9 EU (in units of 0.1 EU)
*2
Proportional band (P)
0.1 to 999.9 EU (in units of 0.1 EU)
*2
Integral time (I)
0 to 3,999 s (in units of 1 s)
Derivative time (D)
0.0 to 999.9 s (in units of 0.1 s)
Control period
0.5 s, 1 to 99 s (in units of 1 s)
Manual reset value
0.0% to 100.0% (in units of 0.1%)
Alarm setting range
−1,999 to 9,999 (decimal point position depends on input type)
Sampling period
250 ms
Influence of signal source
resistance
Thermocouple:
0.1°C (0.2°F)/
Ω max. (100 Ω max per line) *3
Platinum resistance thermometer: 0.4°C (0.8°F)/
Ω max. (10 Ω max per line)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
600 VAC, 50/60 Hz for 1 min between current-carrying terminals of different polarity
Vibration resistance
10 to 55 Hz, 20 m/s2 for 2 hours each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in 6 directions
Weight
180 g
Degree of protection
Rear case: IP20, Terminal section: IP00
Memory protection
EEPROM (non-volatile memory) (number of writes: 100,000)
Standards Approved standards
UL61010C-1, CSA C22.2 No.1010-1
EMC Directive
EMI:
EN61326
EMI Radiated:
EN55011 Group1 class A
EMI Conducted:
EN55011 Group1 class A
EMS:
EN61326
ESD Immunity:
EN61000-4-2
Electromagnetic Field Immunity:
EN61000-4-3
Burst immunity/Noise Immunity:
EN61000-4-4
Conducted Disturbance Immunity:
EN61000-4-6
Surge Immunity:
EN61000-4-5
V1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com