Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71QC24N-R2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A1SJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71QC24N-R2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A1SJ71QC24N-R2 Datasheet HTML 2Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 3Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
EJ1
Ratings
* Auxiliary outputs can be allocated using digital output allocations.
Characteristics
Communications Characteristics: Port C
*1. The communications method can be switched between RS-485 and RS-232C. A separate model must be used for RS-422 communications.
*2. For the number of Units that can be connected, refer to “Connection Precautions” on page 11.
HFU Unit/EJ1
N-HFU@-NFL@
Power supply voltage
24 VDC
Operating voltage range
85% to 110% of rated voltage
Power consumption
2 W max. (at maximum load)
Auxiliary outputs
*
Outputs
4
Transistor outputs
Max. operating voltage: 30 VDC, Max. load current: 50 mA
Event inputs
Inputs
4
Contact inputs
ON: 1 k
Ω max., OFF: 100 kΩ min.
Transistor inputs
ON: residual voltage of 1.5 max., OFF: leakage current of 0.1 mA max.
Outflow current: Approx. 4 mA (per contact)
Programless
connection
Downloading
(EJ1 reads data from a PLC)
Number of parameters that can be set: 1200
Uploading
(EJ1 writes data to a PLC)
Number of parameters that can be set: 1200
Applicable PLCs
OMRON: CS/CJ/NJ Series
Mitsubishi Electric: MELSEC-An/AnS/FX3UC Series
Mitsubishi Electric: MELSEC-Q/QnA/QnAS Series
Ambient temperature range
Operating:
−10°C to 55°C
Storage:
−25°C to 65°C (with no icing or condensation)
Ambient humidity range
Operating: 25% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
600 VAC, 50/60 Hz for 1 min between current-carrying terminals of different polarity
Vibration resistance
10 to 55 Hz, 20 m/s2 for 2 hours each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in 6 directions
Weight
160 g
Degree of protection
Rear case: IP20, Terminal section: IP00
Memory protection
EEPROM (non-volatile memory) (number of writes: 100,000)
Standards
Approved standards
UL61010C-1, CSA C22.2 No.1010-1
EMC Directive
Refer to page 3.
Transmission path connection
RS-485/RS-422: Multi-point, RS-232C: Point-to-point
*1
Communications method
RS-485/RS-422 (two-wire, half duplex), RS-232C
Synchronization method
Start-stop synchronization
Communications protocol
• OMRON PLC protocol (Connectable PLCs: SYSMAC CS/CJ/CP Series)
• AnA/AnU CPU common commands (Connectable PLCs: MELSEC-An/AnS/FX3UC Series)
• MC protocol (form 5) (Connectable PLCs: MELSEC-Q/QnA/QnAS Series)
Baud rate
9.6, 19.2, 38.4, 57.6, or 115.2 kbps
Transmission code
Binary
Data bit length
8 bits
Stop bit length
1 bit
Error detection
Depends on protocol selected for the programless communications protocol.
Flow control
None
Interface
RS-485, RS-422, RS-232C
*1
Retry function
Available
Communications response wait time
0 to 99 ms (default: 5 ms)
Number of Basic Units that can be connected in
parallel
*2
32 Units (model numbers with TC4:128 channels max., model numbers with TC2:64 channels max.)
Number of HFUs that can be connected
• CS/CJ/NJ-series PLCs: 8 (EJ1-HFU@-NFLK)
• MELEC Q/QnA/QnAS-series PLCs: 8 (EJ1-HFU@-NFL2)
V1.2
V1.2
V1.1
V1.1
V1.1
V1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com