Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71QC24N-R2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A1SJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71QC24N-R2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A1SJ71QC24N-R2 Datasheet HTML 3Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 10Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
EJ1
7
Ratings
Characteristics
Communications Characteristics
* For the number of Units that can be connected, refer to “Connection Precautions” on page 11.
HFU Unit/EJ1N-HFUB-DRT
Power supply voltage
DeviceNet power supply
24 VDC (for internal circuits)
EDU power supply
24 VDC (for RS-485 communications circuits and Temperature Controllers)
Operating voltage
range
DeviceNet power supply
11 to 25 VDC
EDU power supply
20.4 to 26.4 VDC
Power consumption (at maximum load)
1 W max. (at maximum load)
Main functions
Remote I/O communications, explicit message communications, CompoWay/F command feed-through
function, parameter backup function, and configuration registration
Ambient temperature range
Operating:
−10°C to 55°C
Storage:
−25°C to 65°C (with no icing or condensation)
Ambient humidity range
Operating: 25% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
600 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 10 m/s2 for 2 hours each in X, Y, and Z directions
Shock resistance
150m/s2 max. 3 times each in 3 axes, 6 directions
Weight
70 g max.
Degree of protection
IP20
Memory protection
EEPROM, 100,000 write operations (backup data)
Standards
Approved standards
UL61010-1, CSA C22.2 No.1010-1
EMC Directive
Refer to page 3.
Communications protocol
Conforms to DeviceNet.
Communications
functions
Remote I/O
communications
Master-slave connections (polling, COS, or cyclic)
Conforms to DeviceNet specifications.
I/O allocation
Input and output data can be allocated freely by user with the Configurator.
Allocations can be made to DeviceNet parameters or Temperature Controller parameters.
Two blocks for IN Area, up to 100 words
One block for OUT Area, up to 100 words (The first word is always allocated to the OUT Enable Bit.)
Message communications
Explicit message communications
CompoWay/F communications commands can be sent (commands are sent in explicit message format).
Connection format
Combination of multidrop and T-branch connections (for trunk and drop lines)
Baud rate
DeviceNet: 500, 250, or 125 kbps, or automatic detection of master baud rate
Communications media
Special 5-wire cable (2 signal lines, 2 power lines, and 1 shield line)
Communications distance
The values in parentheses apply when Thin Cables are used.
Communications power supply
11 to 25 VDC
Maximum number of nodes that can be connected
64 (includes Configurator when used.)
Maximum number of slaves that can be connected
63
Error control
CRC error detection
DeviceNet power supply
Power supplied from DeviceNet communications connector
Applicable Temperature Controllers
EJ1 Series (excluding the EJ1G)
TC4: EJ1N-TC4A-QQ and EJ1N-TC4B-QQ
TC2: EJ1N-TC2A-QNHB, EJ1N-TC2B-QNHB, EJ1N-TC2A-CNB, and EJ1N-TC2B-CNB
Maximum number of Temperature Controllers that
can be connected
*
16 Units (model numbers with TC4: 64 channels max., model numbers with TC2: 32 channels max.)
Baud rate
Network length
Drop line length
Total drop line length
500 kbps
100 m max. (100 m max.)
6 m max.
39 m max.
250 kbps
250 m max. (100 m max.)
6 m max.
78 m max.
125 kbps
500 m max. (100 m max.)
6 m max.
156 m max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com