Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71QC24N-R2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A1SJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71QC24N-R2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A1SJ71QC24N-R2 Datasheet HTML 1Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 2Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 3Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 4Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 5Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 6Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 7Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CSM_EJ1_DS_E_12_4
1
Modular Temperature Controller
EJ1
In-panel Temperature Controller with Flexible
Modular Design and Wide Integration with Host
Devices
• The compact modular structure enables construction of temperature
systems optimally suited to the application.
• Connection can be made to a Programmable Controller without any
programming required, reducing the number of steps required in ladder
programming design.
• One fully universal-input Unit includes a thermocouple, platinum-resistance
thermometer, and analog input for easy selection and reduced inventory
requirements.
• Connect directly to the G3ZA Multi-channel Power Controller using
optimum cycle control for high-accuracy regulation with minimal noise.
• Autotuning (AT) can be used for independent heating/cooling PID control.
• Self-tuning (ST) can be used to calculate the PID constants with the step
response method.
• Up to 16 Temperature Controllers can be connected to a single DeviceNet
Communications Unit.
Ordering Information
Temperature Controller
Standard Control Models
*1. An End Unit is always required for connection to a Basic Unit or an HFU. An HFU cannot operate without a Basic Unit. External communications cannot be performed when using a Basic
Unit only.
*2. For heating/cooling control applications, control outputs 3 and 4 on the 2-point models are used for the cooling or heating control outputs.
On the 4-point models, heating/cooling control is performed for the two input points.
*3. When using the heater burnout alarm, purchase a Current Transformer (E54-CT1 or E54-CT3) separately.
Note: Products for the EtherCAT master are also available. Ask your OMRON sales representative for details.
Functional Upgrades
Refer to page 17 for details.
Upgrade functions are supported by the indicated version ("V1.1" or "V1.2") or a higher version of the software.
Supports DeviceNet Communications.
Refer to the “Safety Precautions” on
page 20.
Name
Power
supply
voltage
No. of
control
points
Control
outputs
1 and 2
Control
outputs
3 and 4
Auxiliary
output
Functions
Communications
functions
Input type
Terminal
Model
Heater
burnout
alarm
Event
inputs
Basic Unit
(temperature
control)
*1
24 VDC
supplied
from the
End Unit
2
Voltage
output:
2 points
(for SSR
drive)
*2
Transistor
output: 2 points
(sinking)
None
2
*3
2
G3ZA connection
port: RS-485
From End Unit:
Port A or port B:
RS-485
Thermocouple,
platinum
resistance
thermometer,
analog
voltage, and
analog current
selectable for
each channel.
M3 terminal
EJ1N-TC2A-QNHB
Screw-less
clamp
EJ1N-TC2B-QNHB
4
Voltage output:
2 points (for
SSR drive)
*2
None
None
M3 terminal
EJ1N-TC4A-QQ
Screw-less
clamp
EJ1N-TC4B-QQ
2Current
output:
2 points
Transistor
output: 2 points
(sinking)
2M3 terminal
EJ1N-TC2A-CNB
Screw-less
clamp
EJ1N-TC2B-CNB
HFU with
Programless
Communications
*1
None
None
None
Transistor
output:
4 points
(sinking)
4
Port C: RS-485 or
RS-232C
selectable.
From End Unit:
Port A: RS-485
No input
M3 terminal
EJ1N-HFUA-NFLK
Screw-less
clamp
EJ1N-HFUB-NFLK
Port C: RS-422
From End Unit:
Port A: RS-485
M3 terminal
EJ1N-HFUA-NFL2
Screw-less
clamp
EJ1N-HFUB-NFL2
HFU with
DeviceNet
Communications
*1
None
None
DeviceNet
communications
Screw-less
clamp
EJ1N-HFUB-DRT
End Unit
*1
24 VDC
Transistor
output:
2 points
(sinking)
None
Port A or B: RS-
485
Connector: Port A
M3 terminal
EJ1C-EDUA-NFLK
Detachable
connector
EJ1C-EDUC-NFLK
V1.2
V1.2
Refer to the following manual for precautionary information and other information necessary to use the EJ1:
EJ1 Modular Temperature Controller User’s Manual (Cat. No. H142)
EtherCAT is registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.


Similar Part No. - A1SJ71QC24N-R2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A1SJ NKK-A1SJ Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
A1SJ2 NKK-A1SJ2 Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
A1SJ2B NKK-A1SJ2B Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A1SJ2B-GA NKK-A1SJ2B-GA Datasheet
245Kb / 7P
General Specifications
A1SJ2B-JA NKK-A1SJ2B-JA Datasheet
245Kb / 7P
General Specifications
More results

Similar Description - A1SJ71QC24N-R2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
Modular Current Sharing Controller
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
Advanced modular synchronous PWM controller
07-Mar-2008
logo
Omron Electronics LLC
E5ZN OMRON-E5ZN Datasheet
1Mb / 13P
Modular Temperature Controller
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
Modular Current Sharing Controller
logo
SELEC Controls Pvt. Ltd
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
logo
E+E Elektronik Ges.m.b....
EE212 EPLUSE-EE212 Datasheet
1Mb / 11P
Modular Humidity and Temperature Sensor
04-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com