Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71QC24N-R2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # A1SJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71QC24N-R2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button A1SJ71QC24N-R2 Datasheet HTML 8Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 9Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 10Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 11Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 12Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 13Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 14Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 15Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
EJ1
Restrictions on Unit Placement
Always connect the HFU on the left side of the Basic Unit.
Insulation Blocks
Each EJ1 Unit is electrically insulated for each function block as shown in the following figures.
Functional insulation is applied between the power supply, input, output, and communications terminal sections.
If reinforced double insulation is required, use power supplies that comply with IEC60664 for reinforced double insulation for the EJ1's external
power supply and for power supplies connected to the EJ1.
Programless Communications
Communications with PLCs from OMRON (CS/CJ/CP/NJ Series) and Mitsubishi Electric (MELSEC-Q/QnA/QnAS/An/Ans/FX3UC Series) can be
performed without creating ladder programming.
Using programless communications enables monitoring and changing settings for the EJ1 by simply reading and writing to PLC memory.
The EJ1 automatically performs communications with the PLC, which reduces work hours spent programming for communications from the PLC to the EJ1.
Connectable Devices
Connecting an EJ1 Controller 1:1 to a PLC
CS/CJ/CP/NJ Series
*1. Only the CJ1W-SCU@2 Serial Communications Unit can be used to connect to an NJ-series Controller.
*2. Use only products manufactured on or after December 20, 1999.
For details, refer to the CS/CJ Series, Serial Communications Boards/Units Operation Manual (Cat. No. W336).
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-HFU
CDEF
COM1
COM2
COM3
PWR
RUN
ERR
ALM
SW1
ON
SW2
EJ1-TC4
CDEF
EJ1N-HFU
EJ1N-TC4 or
EJ1N-TC2
Power
supply
Transistor outputs 1 to 4
Communications (Port B, port C)
Event inputs 1 to 4
Functional isolation
Power
supply
Transistor outputs 1 and 2
Communications (Port A, port B)
Functional isolation
EJ1N-HFU
@-NFL@
Input 1
Power
supply
Input 2
Event inputs 1 and 2, CT1 and 2
*
Communications (Port A, port B, G3ZA)
Transistor outputs 3 and 4
Voltage outputs 1 and 2/Current outputs 1 and 2
Functional isolation
Input 1
Power
supply
Input 2
Input 4
Voltage outputs 1 to 4
Communications (Port A, Port B, G3ZA)
Input 3
Functional isolation
EJ1N-TC2
EJ1N-TC4
EJ1C-EDU
* Not provided on models with current outputs.
Name
Model No.
Communications ports
Port 1
Port 2
Serial Communications Units
*1
CJ1W-SCU21-V1
RS-232C
RS-232C
CJ1W-SCU22
CJ1W-SCU31-V1
RS-422A/485
RS-422A/485
CJ1W-SCU32
CJ1W-SCU41-V1
RS-422A/485
RS-232C
CJ1W-SCU42
CS1W-SCU21-V1
*2
RS-232C
RS-232C
CS1W-SCU31-V1
RS-422A/485
RS-422A/485
Serial Communications Boards
CS1W-SCB21-V1
*2
RS-232C
RS-232C
CS1W-SCB41-V1
*2
RS-232C
RS-422A/485
CPU Units
CJ Series
---
RS-232C
CS Series
---
RS-232C
CJ2M-CPU3
@ Series
---
RS-232C or RS-422A/485 can be
used by adding an Option Board.
CP Series
RS-232C or RS-422A/485 can be used by adding an Option Board.
PV
PLC
The read monitor value is
written to the PLC memory.
The read setting is written to the
setting for the EJ1N-TC4/TC2.
Manipulated variable
Status
SP
Monitor
Setting
Alarm value 1
Alarm value 2
EJ1N-HFU
EJ1N-TC4/TC2
The EJ1N-HFU automatically
performs communications
with the PLC.
The EJ1N-HFU reads the value
written to the PLC memory.
The EJ1N-HFU reads the monitor
value for the EJ1N-TC4/TC2.
Monitoring can be
performed for the
EJ1 and the settings
can be changed by
simply reading and
writing to memory.
PV
Manipulated variable
Status
SP
Alarm value 1
Alarm value 2
PV
Manipulated variable
Status
SP
Alarm value 1
Alarm value 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com