Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1SJ71QC24N-R2 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A1SJ71QC24N-R2
Description  Modular Temperature Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A1SJ71QC24N-R2 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A1SJ71QC24N-R2 Datasheet HTML 10Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 11Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 12Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 13Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 14Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 15Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 16Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 17Page - Omron Electronics LLC A1SJ71QC24N-R2 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
EJ1
Connection
External Connection
• Functional insulation is applied between the power supply and the I/O sections. If reinforced insulation is required, connect the input and output
terminals to devices without any exposed current-carrying parts or to devices with reinforced insulation suitable for the maximum operating
voltage of the power supply and I/O sections.
• To comply with the standards for noise terminal voltage for class A in EN 61326, install a noise filter (Densei Lamda MXB-1206-33 or the
equivalent) to the DC power line as close as possible to the Temperature Controller.
• Use an SELV power supply that provides overcurrent protection. An SELV circuit is one separated from the power supply with double insulation
or reinforced insulation, that does exceed an output voltage of 30 V r.m.s. and 42.4 V peak or 60 VDC max. The OMROM S8VS Series is
recommended for the power supply.
EJ1N-TC4
EJ1N-HFU
@-NFL@
EJ1C-EDUA
Model with Screw Terminals
EJ1N-TC2
EJ1N-HFUB-DRT
DeviceNet Connector
EJ1C-EDUC
Model with Connector Terminal Block
Note: 1. To connect to the G3ZA, separately purchase a G3ZA Connecting Cable (EJ1C-CBLA050) and connect it to the G3ZA connection port
(CN1) on the EJ1.
2. To connect to a computer using the port A connector, use a separately sold E58-CIFQ1 USB-Serial Conversion Cable. The Temperature
Controller can be connected to a computer using USB.
3. Models with screw-less clamp terminals have terminals A10 and B10, but they are not used. Do not connect anything to them.
12 VDC
12 VDC
OUT4
OUT3
12 VDC
12 VDC
OUT2
OUT1
B1
B2
B3
B4
B5
B6
B7
B8
B9
A1
A2
A3
A4
A5
A6
A7
A8
A9
CH4
CN1 G3ZA connection port
Analog
input
Pt
Thermo-
couple
A
B
B
mA
V
CH3
A
B
B
mA
V
CH2
A
B
B
mA
V
CH1
A
B
B
mA
V
RS-485
RS-422
Not used
Not used
Not used
SUB2
SUB1
RS-232C
RS-422
SD
RD
SG
B1
B2
B3
B4
B5
B6
SUB4
SUB3
B7
B8
B9
B (
+)
A (
−)
RDB (
+)
RDA (
−)
SDB (
+)
SDA (
−)
A1
A2
A3
A4
A5
A6
A7
A8
A9
Port C
Port C
RS-485 for port C and RS-232C can be switched.
A separate EJ1 model must be used for
RS-422 communications.
EV2
EV1
EV4
EV3
Port A connector
B (+)
A (
−)
B (+)
A (
−)
+
−
RS-485
RS-485
1
2
3
4
5
6
7
8
9
Input power supply
24 VDC
Port B
Port A
These two ports
cannot be used at
the same time.
These terminals are
used for distributed
placement of Units
when an HFU is used.
SUB2
SUB1
OUT4
OUT3
B1
B2
B3
B4
B5
B6
12 VDC
Models with
pulse outputs
Models with
linear outputs
12 VDC
B7
B8
B9
CN1
OUT2
OUT1
4 to 20 mA DC/0 to 20 mA
4 to 20 mA DC/0 to 20 mA
OUT2
OUT1
A1
A2
A3
A4
A5
A6
EV2
EV1
A7
A8
A9
CT2
CT1
G3ZA connection port
CH2
A
B
B
mA
V
CH1
A
B
B
mA
V
Analog
input
Pt
Thermo-
couple
Not provided
on models
with linear
output.
Provided only
on models
with pulse
output.
V+
CAN H
CAN L
V
−
Power line
Communications line, high
Shield
Communications line, low
Power line
These two ports
cannot be used at
the same time.
These terminals are
used for distributed
placement of Units
when an HFU is used.
RS-485
RS-485
1
2
3
4
5
6
7
8
9
10
SUB2
SUB1
B (+)
A (
−)
B (+)
A (
−)
+
−
Input power supply
24 VDC
Port A connector
Port B
Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com