Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 14 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 14 Page - Midas Components

Back Button LEDV3 Datasheet HTML 10Page - Midas Components LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components LEDV3 Datasheet HTML 13Page - Midas Components LEDV3 Datasheet HTML 14Page - Midas Components LEDV3 Datasheet HTML 15Page - Midas Components LEDV3 Datasheet HTML 16Page - Midas Components LEDV3 Datasheet HTML 17Page - Midas Components LEDV3 Datasheet HTML 18Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Note (2) At 20k Hz PWM control frequency,duty ratio range is restricted from 20% to 100%.
Note (3) The lifetime of LED is estimated data and defined as the time when it continues
to operate under the conditions at
Ta = 25 ±2 ℃ and Duty 100% until the brightness
becomes ≦
50% of its original value. Operating LED under high temperature
environment will reduce life time and lead to color shift.
Power sequence and control signal timing are shown in the following figure
Note: While system is turned ON or OFF, the power sequences must follow as
below descriptions Turn ON sequence: Vi(+12V) → EN → Dimming
Turn OFF sequence: Dimming → EN → Vi(+12V)
Note (4)
Page 14 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com