Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 15 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 15 Page - Midas Components

Back Button LEDV3 Datasheet HTML 11Page - Midas Components LEDV3 Datasheet HTML 12Page - Midas Components LEDV3 Datasheet HTML 13Page - Midas Components LEDV3 Datasheet HTML 14Page - Midas Components LEDV3 Datasheet HTML 15Page - Midas Components LEDV3 Datasheet HTML 16Page - Midas Components LEDV3 Datasheet HTML 17Page - Midas Components LEDV3 Datasheet HTML 18Page - Midas Components LEDV3 Datasheet HTML 19Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
9.Interface timing
9.1. INPUT SIGNAL TIMING SPECIFICATIONS
The input signal timing specifications are shown as the following table and timing diagram.
Signal
Item
Symbol
Min.
Typ.
Max.
Unit
Note
LVDS Clock
Frequency
Fc
53.35
65
80
MHz
-
Period
Tc
12.5
15.38
18.75
ns
Input cycle to
cycle jitter
Trcl
---
---
200
ns
(a)
Input Clock to data skewTLVCCS -0.02*Tc
-
0.02*Tc
ps
(b)
Spread spectrum
modulation range
Fclkin_mod
-
-
1.02*Fc MHz
(c)
Spread spectrum
modulation frequency
FSSM
-
-
200
KHz
Vertical Display Term
Frame Rate
Fr
--
60
--
Hz
Tv=Tvd+Tvb
Total
Tv
780
806
1200
Th
-
Active Display
Tvd
768
768
768
Th
-
Blank
Tvb
Tv-Tvd
38
Tv-Tvd
Th
-
Horizontal Display Term
Total
Th
1140
1344
1600
Tc
Th=Thd+Thb
Active Display
Thd
1024
1024
1024
Tc
-
Blank
Thb
Th-Thd
320
Th-Thd
Tc
-
Note (1) Because this module is operated by DE only mode, Hsync and Vsync input
signals should be set to low logic level or ground. Otherwise, this module would operate
abnormally.
Note (2) The Tv(Tvd+Tvb) must be integer, otherwise, the module would operate abnormally.
INPUT SIGNAL TIMING DIAGRAM
Page 15 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com