Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 5 Page - Midas Components

Part # LEDV3
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 5 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components LEDV3 Datasheet HTML 2Page - Midas Components LEDV3 Datasheet HTML 3Page - Midas Components LEDV3 Datasheet HTML 4Page - Midas Components LEDV3 Datasheet HTML 5Page - Midas Components LEDV3 Datasheet HTML 6Page - Midas Components LEDV3 Datasheet HTML 7Page - Midas Components LEDV3 Datasheet HTML 8Page - Midas Components LEDV3 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4.Interface
4.1. LCM PIN Definition
Pin No.
Symbol
Function
Polarity
Note
1
VCC
Power Supply +3.3V(typical)
2
VCC
Power Supply +3.3V(typical)
3
NC
No Conncetion (Reserve for INX test)
4
LR/UD
Reverse Scan Control
H or NC = Normal Mode.
L = Horizonta/ Vertical Reverse Scan.
5
RX0-
LVDS Differential Data Input
Negative
6
RX0+
LVDS Differential Data Input
Positive
7
GND
Ground
8
RX1-
LVDS Differential Data Input
Negative
9
RX1+
LVDS Differential Data Input
Positive
10
NC
No Conncetion (Reserve for INX test)
11
RX2-
LVDS Differential Data Input
Negative
12
RX2+
LVDS Differential Data Input
Positive
13
GND
Ground
14
RXCLK- LVDS Differential Data Input
Negative
15
RXCLK+ LVDS Differential Data Input
Positive
16
GND
Ground
17
RX3-
LVDS Differential Data Input
Negative
18
RX3+
LVDS Differential Data Input
Positive
19
NC
No Conncetion (Reserve for INX test)
20
SEL68
LVDS 6/8 bit select function control,
High → 6bit Input Mode
Low or NC→ 8bit Input Mode
Note (3)
Note (1) Connector Part No.: Cvilux CID520D1HR0-NH or equivalent.
Note (2)
User’s connector Part No.: Entery H204K-D20N-12B or equivalent.
Note (3)
“Low” stands for 0V. “High” stands for 3.3V. “NC” stands for “No Connection”.
Page 5 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com