Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0601 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0601
Description  Dual-Channel DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0601 Datasheet(HTML) 5 Page - DFROBOT

  DFR0601 Datasheet HTML 1Page - DFROBOT DFR0601 Datasheet HTML 2Page - DFROBOT DFR0601 Datasheet HTML 3Page - DFROBOT DFR0601 Datasheet HTML 4Page - DFROBOT DFR0601 Datasheet HTML 5Page - DFROBOT DFR0601 Datasheet HTML 6Page - DFROBOT DFR0601 Datasheet HTML 7Page - DFROBOT DFR0601 Datasheet HTML 8Page - DFROBOT DFR0601 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2023/10/12 10:49
Dual-Channel DC Motor Driver-12A Wiki - DFRobo
https://wiki.dfrobot.com/Dual_Channel_DC_Motor_Driver_12A_SKU_DFR0601
5/13
No.
Name
Description
1
VCC
Power input, 3.3V, 5V
2
PWM1
M1 Channel duty cycle modulation input, bandwidth 50MHz
3
INA1
M1 Channel control logic input A
4
INB1
M1 Channel control logic input B
5
GND
Ground
6
VCC
Power input, 3.3V, 5V
7
PWM2
M2 Channel duty cycle modulation input, bandwidth 50MHz
8
INA2
M2 Channel control logic input A
9
INB2
M2 Channel control logic input B
10
X
Ground
11
M1_A
Ouput PIN A of motor channel 1
12
M1_B
Output PIN B of motor channel 1
13
M2_A
Output PIN A of motor channel 2
14
M2_B
Output PIN B of motor channel 2
15
P-
Negative pole of external power input
16
P+
Positive pole of external power input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com