Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0601 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0601
Description  Dual-Channel DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0601 Datasheet(HTML) 1 Page - DFROBOT

  DFR0601 Datasheet HTML 1Page - DFROBOT DFR0601 Datasheet HTML 2Page - DFROBOT DFR0601 Datasheet HTML 3Page - DFROBOT DFR0601 Datasheet HTML 4Page - DFROBOT DFR0601 Datasheet HTML 5Page - DFROBOT DFR0601 Datasheet HTML 6Page - DFROBOT DFR0601 Datasheet HTML 7Page - DFROBOT DFR0601 Datasheet HTML 8Page - DFROBOT DFR0601 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2023/10/12 10:49
Dual-Channel DC Motor Driver-12A Wiki - DFRobo
https://wiki.dfrobot.com/Dual_Channel_DC_Motor_Driver_12A_SKU_DFR0601
1/13
SKU:DFR0601 (https://www.dfrobot.com/product-1861.html)
(https://www.dfrobot.com/product-1861.html)
Introduction
This is a dual channel DC motor driver with an extremely small size of of 1.97”×1.97”×0.49”. The module comes with two motor channels that
can drive two motors simultaneously, and each channel employs an indicator to show the rotation direction of the motor: blue is forward
rotation, red is reverse rotation. Support motor voltage ranges from 6.5V to 37V. Each motor channel can output 12A current continuously
and the max power of the DC motor the module supports is up to 290W. The momentary peak current can reach up to 70A and last about
100ms. At the same time, the highly timing optimization of the units inside the driver makes the minimum pulse width of PWM input as
narrow as 2us, which fully ensured its dynamic adjustment range and greatly improved the quality of controlling motors.
The module integrated over-voltage, under-voltage, and overheat protection circuit that will be triggered when facing with the these
situations. There is an on-board STATE indicator to indicate protection state: ON->Work properly; Flashing quickly->Over-voltage; Flashing
slowly->Under-voltage; Double flashing->Overheat. The latter three situations will turn off the output, which can efficiently reduce the
possibility of device damage in abnormal operating conditions.
Usethis dual channel DC motor driver together with Arduino controller to easily realize motor controlling The module can be applied to


Similar Part No. - DFR0601

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0600 DFROBOT-DFR0600 Datasheet
1Mb / 3P
PYNQ-Z2 Development Board
5-9-19
DFR0602 DFROBOT-DFR0602 Datasheet
1Mb / 5P
ESP32-CAM Development Board
8-15-19
DFR0604 DFROBOT-DFR0604 Datasheet
1Mb / 13P
IO Expansion HAT for Pi Zero/Zero W
12-5-19
DFR0605 DFROBOT-DFR0605 Datasheet
660Kb / 9P
Gravity: Digital RGB LED Module
5-9-19
More results

Similar Description - DFR0601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8082H TOSHIBA-TA8082H Datasheet
217Kb / 6P
DUAL DC MOTOR DRIVER
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
TA8083P TOSHIBA-TA8083P Datasheet
324Kb / 8P
DUAL DC MOTOR DRIVER
TD62917H TOSHIBA-TD62917H Datasheet
329Kb / 9P
DUAL DC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8010MP FAIRCHILD-FAN8010MP Datasheet
392Kb / 12P
1 Channel DC Motor Driver
logo
SHENZHEN FUMAN ELECTRON...
FM1919 FUMAN-FM1919 Datasheet
379Kb / 5P
Dual channel DC motor driver
TC118SS FUMAN-TC118SS Datasheet
305Kb / 4P
Single channel DC motor driver
TC618CS FUMAN-TC618CS Datasheet
367Kb / 5P
Single channel DC motor driver
logo
Shenzhen Huazhimei Semi...
HM2540C HMSEMI-HM2540C Datasheet
446Kb / 5P
Dual channel DC motor driver
logo
SHENZHEN FUMAN ELECTRON...
TC118 FUMAN-TC118 Datasheet
202Kb / 4P
Single Channel DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com