Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0601 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0601
Description  Dual-Channel DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0601 Datasheet(HTML) 2 Page - DFROBOT

  DFR0601 Datasheet HTML 1Page - DFROBOT DFR0601 Datasheet HTML 2Page - DFROBOT DFR0601 Datasheet HTML 3Page - DFROBOT DFR0601 Datasheet HTML 4Page - DFROBOT DFR0601 Datasheet HTML 5Page - DFROBOT DFR0601 Datasheet HTML 6Page - DFROBOT DFR0601 Datasheet HTML 7Page - DFROBOT DFR0601 Datasheet HTML 8Page - DFROBOT DFR0601 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2023/10/12 10:49
Dual-Channel DC Motor Driver-12A Wiki - DFRobo
https://wiki.dfrobot.com/Dual_Channel_DC_Motor_Driver_12A_SKU_DFR0601
2/13
Usethis dual channel DC motor driver together with Arduino controller to easily realize motor controlling. The module can be applied to
automatic robot, mechatronic, equipment manufacture, scientific production, electronics competition and so on.
Specification
Motor Channel: 2
Input Voltage: 6.5-37V DC
Signal Control Voltage: 3V-5V compatible
Signal Control Current: 15mA (at 5V signal control voltage)
PWM Input Frequency: 18-60KHz
Minimum Pulse Width: 2us
Peak Current: 70A(100ms), the current will be limited as the temperature increases.
Continuous Current: each channel can output 12A current continuously
Operating Temperature: -25-85℃
Overheat Temperature: 85℃-95℃
Over-voltage: 37.5V
Under-voltage: 6.3V
Dimension: 50mm×50mmx12.5mm/1.97”×1.97”×0.49”
Built-in over-voltage, under-voltage and overheat protection circuit, onboard STATE indicator to show the present work state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com