Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0601 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0601
Description  Dual-Channel DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0601 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0601 Datasheet HTML 3Page - DFROBOT DFR0601 Datasheet HTML 4Page - DFROBOT DFR0601 Datasheet HTML 5Page - DFROBOT DFR0601 Datasheet HTML 6Page - DFROBOT DFR0601 Datasheet HTML 7Page - DFROBOT DFR0601 Datasheet HTML 8Page - DFROBOT DFR0601 Datasheet HTML 9Page - DFROBOT DFR0601 Datasheet HTML 10Page - DFROBOT DFR0601 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2023/10/12 10:49
Dual-Channel DC Motor Driver-12A Wiki - DFRobo
https://wiki.dfrobot.com/Dual_Channel_DC_Motor_Driver_12A_SKU_DFR0601
7/13
Signal Input
Power Output
INAx
INBx
PWMx
Mx_A
Mx_B
Motor Status
Signal Input
Power Output
L
L
X
L
L
Stop
L
H
PWM
PWM
L
Forward rotation
H
L
PWM
L
PWM
Backward rotation
H
H
X
Z
Z
Floating
Over/under voltage, overheat protection happened on Driver
Z
Z
Floating
Note:
. x in INAx, INBx, PWMx, Mx_A, Mx_B is the channel number, 1 or 2.
. H for high level, L for low level, X is irrelevant to level, Z is high-impedance state.
. Don't switch the motor direction if it is still in high speed, adjust the speed to 0% gradually by PWM before switching, otherwise, the
driver may be damaged.
. Note: it is in High level when the signal input pin is floating.
Tutorial
The tutorial presents how to control motor driver board by Arduino UNO and drive two motors simultaneously.
Requirements
Hardware
DFRduino UNO R3 (https://www dfrobot com/product-838 html) (or similar) x 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com