Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0601 Datasheet(PDF) 11 Page - DFROBOT

Part # DFR0601
Description  Dual-Channel DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0601 Datasheet(HTML) 11 Page - DFROBOT

Back Button DFR0601 Datasheet HTML 5Page - DFROBOT DFR0601 Datasheet HTML 6Page - DFROBOT DFR0601 Datasheet HTML 7Page - DFROBOT DFR0601 Datasheet HTML 8Page - DFROBOT DFR0601 Datasheet HTML 9Page - DFROBOT DFR0601 Datasheet HTML 10Page - DFROBOT DFR0601 Datasheet HTML 11Page - DFROBOT DFR0601 Datasheet HTML 12Page - DFROBOT DFR0601 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2023/10/12 10:49
Dual-Channel DC Motor Driver-12A Wiki - DFRobo
https://wiki.dfrobot.com/Dual_Channel_DC_Motor_Driver_12A_SKU_DFR0601
11/13
Connection
Motor Driver Board
2
3
4
7
8
9
UNO Board
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com