Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 18 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 18 Page - Rohm

Back Button RF2001T2DNZ Datasheet HTML 13Page - Rohm RF2001T2DNZ Datasheet HTML 14Page - Rohm RF2001T2DNZ Datasheet HTML 15Page - Rohm RF2001T2DNZ Datasheet HTML 16Page - Rohm RF2001T2DNZ Datasheet HTML 17Page - Rohm RF2001T2DNZ Datasheet HTML 18Page - Rohm RF2001T2DNZ Datasheet HTML 19Page - Rohm RF2001T2DNZ Datasheet HTML 20Page - Rohm RF2001T2DNZ Datasheet HTML 21Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
16/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
0.1 V / Div
2 A / Div
Output Voltage VRIPPLE
Output Current IOUT
0.1 V / Div
2 A / Div
0.2 V / Div
0.2 V / Div
Output Ripple Voltage VRIPPLE
= 0.06Vpp
Measurement Data - continued
6
Dynamic Load Fluctuation
Figure 29. VIN = 115 Vac, IOUT = switch 0 A / 2 A
Figure 30. VIN = 230 Vac, IOUT = switch 0 A / 2 A
7
Output Voltage Ripple Wave Form
Figure 31. VIN = 115 Vac, IOUT = 2 A
Figure 32. VIN = 230 Vac, IOUT = 2 A
8
Temperature of Parts Surface
They are measured after 15 minutes from applying a power supply.
Table 2. Surface Temperature of Parts (Ta = 25 °C)
Part
Condition
VIN = 90 Vac, IOUT = 2 A
VIN = 264 Vac, IOUT = 0.5 A
MOSFET Q1
71.8 °C
63.5 °C
Output Voltage VRIPPLE
Output Current IOUT
Output Ripple Voltage VRIPPLE
= 0.06Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com