Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 4 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 4 Page - Rohm

  RF2001T2DNZ Datasheet HTML 1Page - Rohm RF2001T2DNZ Datasheet HTML 2Page - Rohm RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm RF2001T2DNZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Performance Specification
– Continued
Electrical characteristic
Not guarantee the characteristics is representative value.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Operating Start Input Voltage
VINST
-
70
-
V
Output Voltage
VOUT
22.8
24
25.2
V
Maximum Output Power
POUT
-
-
48
W
IOUT = 2 A
Output Current Range
(Note 1)
IO
0
-
2
A
Output Voltage at Standby
VOUTSTBY
7.1
7.5
7.9
V
VSTBY = 0 V
Output Current at Standby
IOSTBY
0
2
A
VSTBY = 0 V
Wait electricity
PINSTBY
-
40
-
mW
IOUT = 0 A VSTBY = 0 V
Power supply efficiency
η
86
89.6
-
%
Output Ripple Voltage
(Note 2)
VPP
-
60
240
mVpp
(Note 1) Please adjust operating time , within any parts surface temperature under 105 ℃.
(Note 2) Not include spikes noise
Derating
0
0.5
1
1.5
2
2.5
-10
10
30
50
70
Ambient Temparature Ta [℃]
Figure 2. Derating
Unless otherwise specified VIN = 230 Vac , IOUT = 2 A , VSTBY = 5V , Ta = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com