Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 8 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 8 Page - Rohm

Back Button RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm RF2001T2DNZ Datasheet HTML 9Page - Rohm RF2001T2DNZ Datasheet HTML 10Page - Rohm RF2001T2DNZ Datasheet HTML 11Page - Rohm RF2001T2DNZ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
6/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Parts List - continued
Item
Specifications
Parts name
Manufacture
Resistor
R1
100 Ω
ESR18EZPJ101
ROHM
R2
100 Ω
ESR18EZPJ101
ROHM
R3,R15
NON MOUNTED
-
-
R4
0 Ω
MCR03EZPJ000
ROHM
R5
3.3
kΩ
MCR03EZPJ332
ROHM
R6
100 kΩ
MOS2CT52R104J
KOA
R7
22 Ω
ESR18EZPJ220
ROHM
R8
220 Ω
MCR03EZPJ221
ROHM
R9
10 kΩ
MCR03EZPJ103
ROHM
R10
220 mΩ
LTR50EZPZFLR220
ROHM
R11
10 k
Ω
ESR18EZPJ103
ROHM
R12
0 Ω
MCR18EZPJ000
ROHM
R13
47 Ω
ESR18EZPJ470
ROHM
R14
33 kΩ
MCR03EZPJ333
ROHM
R16
0 Ω
MCR03EZPJ000
ROHM
R17
200 kΩ
MCR03EZPFX2003
ROHM
R18
100 kΩ
MCR03EZPFX1003
ROHM
R19
3.9 kΩ
MCR03EZPJ392
ROHM
R20
15 kΩ
MCR03EZPJ153
ROHM
R21
2.2 kΩ
MCR03EZPJ222
ROHM
R23
200 kΩ
MCR03EZPJ204
ROHM
R25
30 kΩ
MCR03EZPFX3002
ROHM
R27
47 Ω
MCR03EZPJ470
ROHM
R28
10 Ω
ESR18EZPJ100
ROHM
Fuse
F1
1.6 A, 300 V
36911600000
LITTELFUSE
Varistor
ZNR1
300 V, 400 A
V470ZA05P
LITTELFUSE
Coil
LF1
34.5 mH
SSR21NV-M12345
KMENT
LF2
60 µH
LF1246Y
ALPHA TRANS
Transfomer
T1
PQ 26
XE2395Y
ALPHA TRANS
IC
IC1
BM1P10CFJ
ROHM
IC3
NCP431AVSNT1G
ONSEMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com