Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 7 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 7 Page - Rohm

Back Button RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm RF2001T2DNZ Datasheet HTML 9Page - Rohm RF2001T2DNZ Datasheet HTML 10Page - Rohm RF2001T2DNZ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Parts List
Materials may be changed without notifying.
Item
Specifications
Parts name
Manufacture
Capacitor
C1
470 n, 310 Vac
890334025039CS
WURTH ELECTRONIK
C2
220 n, 310 Vac
890334025027CS
WURTH ELECTRONIK
C3
120 µ, 450 V
450CXW120MEFC18x31.5
RUBYCON
C4
22 nF, 630 V
885342208014
WURTH ELECTRONIK
C5
100 p, 1000 V
885342208022
WURTH ELECTRONIK
C6
10 µF, 63 V
860080772001
WURTH ELECTRONIK
C7
1000 pF, 100 V
HMK107B7102KA-T
TAIYO YUDEN
C8
100 p, 100 V
885012206102
WURTH ELECTRONIK
C10
0.1 µF, 100 V
HMK107B7104KA-T
TAIYO YUDEN
C11
680 µF, 35 V
860080578019
WURTH ELECTRONIK
C12
0.1 µF, 100 V
HMK107B7104KA-T
TAIYO YUDEN
C9,C13,C18,C22,C24
NON MOUNTED
-
-
C14
22 nF, 630 V
885342208014
WURTH ELECTRONIK
C15
1 n, 630 V
885342208011
WURTH ELECTRONIK
C17
2200 pF, AC 500 V
DE1E3RA222MA4BP01F
MURATA
C19
2200 pF, AC 500 V
DE1E3RA222MA4BP01F
MURATA
C20
2200 pF, AC 500 V
DE1E3RA222MA4BP01F
MURATA
C21
470 µF, 35 V
860080575017
WURTH ELECTRONIK
Diode
D1
1 A, 1000 V
1N4007
MCCSEMI
D2
1 A, 1000 V
1N4007
MCCSEMI
D3
FRD, 0.8 A, 700 V
RFN1LAM7S
ROHM
D4
FRD, 0.5 A, 200 V
RF05VAM2S
ROHM
D5
FRD, 600 V, 0.2 A
RFU02VSM6S
ROHM
D6
FRD, 200 V, 20 A
RF2001T2DNZ
ROHM
D7
FRD, 600 V, 0.2 A
RFU02VSM6S
ROHM
Opto-Coupler
PC1
LTV-817-B
LITEON
MOSFET
Q1
800 V, 9 A
R8009KNX
ROHM
Q2
20 V, 0.1 A
RU1C001UN
ROHM
Diode-Brigde
DB1
800 V, 10 A
D10XB80
SHINDENGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com