Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 3 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 3 Page - Rohm

  RF2001T2DNZ Datasheet HTML 1Page - Rohm RF2001T2DNZ Datasheet HTML 2Page - Rohm RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm RF2001T2DNZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1/18
© 2017 ROHM Co., Ltd.
No. 60AP001E Rev.001
2017.4
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
User’s Guide
AC/DC Converter
Isolated Flyback Type PWM Mode
48W 24V Output
BM1P10CFJ Evaluation Board
BM1P10CFJ-EVK-001
General Description
(1) Standby mode significantly reduces standby power consumption.
(2) Spacing-saving is realized by MOSFET, start circuit incorporation.
(3) It realizes the high flexibility because current sense resistance adjustment is possible.
(4) Voltage = 45V or less one second after the cutting are realized by X condenser electric discharge function incorporation.
(5) Electricity is reduced at no load time by power save function incorporation.
(6) Efficiency in the light load is improved largely by burst movement, a frequency reduction mode.
Performance Specification
Operating Range
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input Voltage Range
VIN
90
230
264
V
Input Frequency
fLINE
47
-
63
Hz
Operating Temperature Range
Top
-10
+25
+65
°C
Figure 1. BM1P10CFJ-EVK-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com