Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB321C Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB321C
Description  1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB321C Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB321C Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Card Type
Standard Profile (LP bracket incl.)
Industry Standards
USB 3.2 Specification Rev. 1.0
PCI Express Base Specification Rev. 3.0
Intel xHCI Specification Rev. 1.1
UASP (USB Attached SCSI Protocol) Rev. 1.0
Chipset ID
ASMedia - ASM3242
Performance
Maximum Data Transfer
Rate
20Gbps
Type and Rate
USB 3.2 Gen 2x2 (20Gbps)
UASP Support
Yes
MTBF
3,126,209 Hours
Connector(s)
Connector Type(s)
1 - PCI Express x4
External Ports
1 - USB Type-C (24 pin, Gen 2x2, 20Gbps)
Software
OS Compatibility
Windows 8, 8.1, 10, 11
Windows Server 2012 R2, 2016, 2019
macOS 10.13 to 10.15, 11.0, 12.0
Linux 3.5 and up - <i>LTS Versions only</i>
Special Notes /
Requirements
System and Cable
Requirements
PCI Express enabled computer or server with a PCI Express x4
slot or higher (x8, x16)
Note
The card's USB-C ports are standard data throughput port. They
do not support DP Alt Mode or USB Power Delivery.
The maximum throughput of this card is limited by the bus
interface. PCI Express Gen 1.0 max throughput is 10Gbps. A
PCI Express Gen 2 or Gen 3 port is required to reach speeds up
to 20Gbps.
Environmental



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com