Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB321C Datasheet (PDF) - StarTech.com Ltd.

PEXUSB321C Datasheet PDF - StarTech.com Ltd.
Part # PEXUSB321C
Download  PEXUSB321C Download
File Size   141.29 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux

PEXUSB321C Datasheet (PDF)

Go To PDF Page Download Datasheet
PEXUSB321C Datasheet PDF - StarTech.com Ltd.

Part # PEXUSB321C
Download  PEXUSB321C Click to download

File Size   141.29 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux

PEXUSB321C Datasheet (HTML) - StarTech.com Ltd.


PEXUSB321C Product details

Applications
• Connect high-performance devices like NVMe drives and SSDs
• Charge and sync mobile devices

Features
• HIGH PERFORMANCE: Add 1x USB-C SuperSpeed 20Gbps port to your desktop PC with this USB 3.2 Gen 2x2
PCIe Card; Expansion card provides up to 15W (5V @ 3A) to power & charge devices
• FULL USB 3.2 GEN 2X2 SPEEDS: Featuring the ASMedia ASM3242 host controller using x4 lanes of PCIe 3.0, this
card is fully capable of speeds up to 20Gbps enabling fast access to high-performance devices like NVMe drives and
SSDs
• MAXIMIZED USB PERFORMANCE: USB Type-C PCI Express card supports Multiple INs to reduce bandwidth loss
when mix speed devices are connected to a Hub (hub must also support this feature); UASP support improves
performance with storage devices
• COMPATIBILITY: Add-on card installs in full or low-profile (bracket incl) PCIe 3.0 x4 slot (Backward compatible
w/PCIe 2.0); Windows/Linux/macOS w/auto drivers Win 8 & up; Works w/USB 3.1/3.0/2.0 devices; Does not support
DP-Alt mode for video over USB-C
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-C PCI-e adapter card is
backed for 2-years by StarTech.com, incl. free 24/5 North America based multi-lingual tech support




Similar Part No. - PEXUSB321C

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results


Similar Description - PEXUSB321C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Tripp Lite. All Rights ...
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
logo
AAEON Technology
PER-T479 AAEON-PER-T479 Datasheet
966Kb / 1P
4-Port USB 3.2 Gen 1 PCI-E [x4] Frame Grabber Card
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com