Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB321C Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB321C
Description  1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB321C Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB321C Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect high-performance devices like NVMe drives and SSDs
• Charge and sync mobile devices
Features
• HIGH PERFORMANCE: Add 1x USB-C SuperSpeed 20Gbps port to your desktop PC with this USB 3.2 Gen 2x2
PCIe Card; Expansion card provides up to 15W (5V @ 3A) to power & charge devices
• FULL USB 3.2 GEN 2X2 SPEEDS: Featuring the ASMedia ASM3242 host controller using x4 lanes of PCIe 3.0, this
card is fully capable of speeds up to 20Gbps enabling fast access to high-performance devices like NVMe drives and
SSDs
• MAXIMIZED USB PERFORMANCE: USB Type-C PCI Express card supports Multiple INs to reduce bandwidth loss
when mix speed devices are connected to a Hub (hub must also support this feature); UASP support improves
performance with storage devices
• COMPATIBILITY: Add-on card installs in full or low-profile (bracket incl) PCIe 3.0 x4 slot (Backward compatible
w/PCIe 2.0); Windows/Linux/macOS w/auto drivers Win 8 & up; Works w/USB 3.1/3.0/2.0 devices; Does not support
DP-Alt mode for video over USB-C
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-C PCI-e adapter card is
backed for 2-years by StarTech.com, incl. free 24/5 North America based multi-lingual tech support
Hardware
Warranty
2 Years
Ports
1
Interface
PCI Express x4
Bus Type
PCI Express



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com