Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB321C Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB321C
Description  1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB321C Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB321C Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host
Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux
Product ID: PEXUSB321C
This PCIe USB 3.2 Gen 2x2 controller card installs into an available PCI-Express x4 slot in your computer and
enables you to upgrade your current system by adding a USB-C (20Gbps) port.
The controller card enables you to connect USB-C Gen 2x2 (20 Gbps) devices to your desktop computer. The USB-C
port is ideal for connecting USB devices such as external hard drives and solid state drives or charging and syncing
your mobile devices. The USB-C port provides up to 15W (5V/3A) of power and is backward compatible with USB 3.2
Gen 2 (10 Gbps) and USB 3.2 Gen 1 (5 Gbps) devices.
Note: USB 3.2 Gen 2 (10 Gbps) is also know as USB 3.1 Gen 2 (10 Gbps), and USB 3.2 Gen 1 (5 Gbps) is also
know as USB 3.0 and USB 3.1 (5 Gbps).
The USB 3.2 Gen 2x2 card features an ASMedia ASM3242 host controller that utilizes x4 lanes of the PCIe 3.0 bus,
making the card capable of speeds up to 20Gbps and enabling fast access to high-performance devices like NVMe
drives and SSDs. The controller card supports Multiple INs to reduce bandwidth loss when multiple devices are
connected through a USB Hub (Note: The USB hub must also support this feature). The card also supports UASP for
improved performance with storage devices.
This add-on card includes both full-profile and low-profile installation brackets ensuring you can install it into either a
full or low-profile PCIe 3.0 x4 slot (backward compatible w/PCIe 2.0). For wide platform support the card is
compatible with Windows, Linux and macOS. For hassle-free installation the drivers install automatically on
computers running Windows 8 or higher. Works w/USB 3.1/3.0/2.0 devices
PEXUSB321C is backed by a StarTech.com 2-year warranty and free lifetime 24/5 multi-lingual North American
based technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility


Similar Part No. - PEXUSB321C

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results

Similar Description - PEXUSB321C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Tripp Lite. All Rights ...
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
logo
AAEON Technology
PER-T479 AAEON-PER-T479 Datasheet
966Kb / 1P
4-Port USB 3.2 Gen 1 PCI-E [x4] Frame Grabber Card
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com