Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB321C Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB321C
Description  1-Port USB 3.2 Gen 2x2 PCIe Card - USB-C SuperSpeed 20Gbps PCI Express 3.0 x4 Host Controller Card - USB Type-C PCIe Add-On Adapter Card - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB321C Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB321C Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB321C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Operating Temperature
0C to 85C (32F to 185F)
Storage Temperature
-25C to 85C (-13F to 185F)
Humidity
15% ~ 90% RH
Physical
Characteristics
Color
Red
Product Length
2.0 in [5.1 cm]
Product Width
3.1 in [8.0 cm]
Product Height
0.9 in [2.2 cm]
Weight of Product
1.3 oz [37.0 g]
Packaging
Information
Package Quantity
1
Package Length
6.7 in [17.0 cm]
Package Width
5.6 in [14.2 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
3.6 oz [101.0 g]
What's in the Box
Included in Package
1 - PCI Express USB Card
1 - Full Profile Bracket (Installed)
1 - Low Profile Bracket
1 - Quick-Start Guide
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com