Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB3S44V Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB3S44V
Description  4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB3S44V Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB3S44V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Port Style
Integrated on Card
Industry Standards
USB 3.0 Specification Rev. 1.0
USB Battery Charging Specification Rev. 1.2 (Apple Mode only)
PCI Express Base Specification Rev. 2.0
Intel xHCI Specification Rev. 1.0
Chipset ID
Renesas/NEC - PD720202
Performance
Maximum Data Transfer
Rate
5Gbps per port - 20Gbps Total
Maximum Cable Length
9.8 ft [3 m]
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
PCI Express x4
Internal Ports
SATA Power (15 pin)
LP4 (4 pin; Large Drive Power)
External Ports
USB Type-A (9 pin) USB 3.0 (5 Gbps)
Software
OS Compatibility
Windows Vista, 7, 8, 8.1, 10, 11
Windows Server 2008 R2, 2012, 2012 R2, 2016, 2019
Linux 2.6.31 to 4.11.x <i>LTS versions only</i>
Special Notes /
Requirements
System and Cable
Requirements
Available PCI Express x4 or greater slot
Environmental
Operating Temperature
0C to 50C (32F to 122F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
5~85% RH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com