Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB3S44V Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB3S44V
Description  4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB3S44V Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB3S44V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4
Power - PCI Express Adapter Card
Product ID: PEXUSB3S44V
The PEXUSB3S44V 4-Port PCI Express USB 3.0 Card lets you add four, dedicated 5 Gbps USB 3.0 ports to your
PCIe x4-enabled PC. This independent port architecture improves USB 3.0 performance by transferring data on four
individual channels to your computer, giving you faster file transfers.
When multiple devices are connected, traditional single bus USB 3.0 cards share your maximum bandwidth between
all ports. By employing four host controller chipsets, each port operates on a separate independent transmission
channel. Dedicating up to 5 Gbps to each USB port reduces performance bottlenecks, and effectively quadruples
your total available to bandwidth to 20 Gbps.
Enhanced with UASP support (USB Attached SCSI Protocol), this USB 3.0 controller performs up to 70% faster than
conventional USB 3.0 when paired with a (Note: UASP requires a compatible operating system). Using a more
efficient protocol than the traditional USB BOT (Bulk-Only Transport), UASP technology optimizes transfers by
allowing multiple commands to be processed simultaneously, significantly increasing transfer speeds for less wait
time on data transfers. See our UASP test results below for further details.
For high-power USB devices, this PCIe USB 3.0 card includes an optional SATA or LP4 power connector to connect
to your system power supply and deliver up to 900mA of power per port to USB 3.0 bus-powered devices (500mA for
USB 2.0). The USB 3.0 card also supports USB Battery Charging Specification 1.2 (Apple Mode only), letting you
charge compatible Apple devices (iPhones and iPads) faster than a standard USB 3.0 port.
The controller card is compliant with USB 3.0 standards while offering backward compatibility with existing USB 2.0 /
1.1 devices. For added versatility, the USB 3.0 PCIe card is equipped with a standard profile bracket and includes a
low-profile/half-height bracket for installation in small form-factor computers.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
UASP is supported in Windows 8, 8.1, Server 2012 and Linux kernel 2.6.37 or later. In testing UASP performed with
up to a 70% faster read / 40% faster write speed over traditional USB 3.0 at peak performance.
At the same peak in testing, UASP also showed up to an 80% reduction in required processor resources.


Similar Part No. - PEXUSB3S44V

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results

Similar Description - PEXUSB3S44V

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Tripp Lite. All Rights ...
U457-025-AG2 TRIPPLITE-U457-025-AG2 Datasheet
180Kb / 3P
USB 3.1 Gen 1 (5 Gbps) 2.5 in. SATA SSD/HDD to USB-A Enclosure Adapter with UASP Support
U438-06N-G1-W TRIPPLITE-U438-06N-G1-W Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB Type-C to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Thunderbolt??3 Compatible, White
logo
Vecow Co., Ltd.
ARS-2001M VECOW-ARS-2001M Datasheet
438Kb / 2P
4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCI
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
Future Technology Devic...
FT602Q FTDI-FT602Q Datasheet
1Mb / 28P
Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
logo
Tripp Lite. All Rights ...
U457-025-G1-WPG TRIPPLITE-U457-025-G1-WPG Datasheet
176Kb / 3P
USB-C to SATA SSD/HDD Enclosure Adapter - USB 3.1 Gen 1 (5 Gbps), Thunderbolt 3, IP66 Rated, UASP
U457-025-G2-WPB TRIPPLITE-U457-025-G2-WPB Datasheet
176Kb / 3P
USB-C to SATA SSD/HDD Enclosure Adapter - USB 3.1 Gen 2 (10 Gbps), Thunderbolt 3, IP66 Rated, UASP
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
AAEON Technology
PER-T479 AAEON-PER-T479 Datasheet
966Kb / 1P
4-Port USB 3.2 Gen 1 PCI-E [x4] Frame Grabber Card
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com