Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB3S44V Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB3S44V
Description  4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB3S44V Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB3S44V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Test results were obtained using an Intel Ivy Bridge system, StarTech.com add-on USB 3.0 cards, a UASP-enabled
StarTech.com enclosure, and a SATA III solid state drive.
Certifications, Reports and Compatibility
Applications
• Upgrade an older PCIe-based system to USB 3.0 connectivity and UASP support to fully utilize USB 3.0 devices
• Expand the USB capabilities of your system with four external ports for connecting additional external hard drives,
CD/DVD drives, MP3 players, printers, scanners, webcams, game controllers, digital cameras, etc. to a computer
system
Features
• Provides four external, independent USB 3.0 Ports
• Supports up to 20 Gbps total transfer bandwidth - Up to 5 Gbps per port
• UASP support across all four ports
• PCIe x4 interface compliant with PCI Express 2.0 specifications
• Optional LP4 or SATA power connector provides up to 900mA per USB port
• Supports USB Battery Charging Specification 1.2 (Apple Mode only)
• Fully compliant with USB 3.0 rev 1.0 and Intel xHCI rev 1.0 specifications
• Backward compatible with USB 2.0 and USB 1.0/1.1 devices
• Includes a Low Profile/half-height installation bracket
• Hot-swap feature to connect/disconnect devices without powering down the system
Hardware
Warranty
2 Years
Ports
4
Interface
USB 3.0
Bus Type
PCI Express
Card Type
Standard Profile (LP bracket incl.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com