Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB3S44V Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB3S44V
Description  4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB3S44V Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB3S44V Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB3S44V Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Physical
Characteristics
Color
Black
Material
Steel
Product Length
6.6 in [16.7 cm]
Product Width
0.6 in [15.0 mm]
Product Height
4.7 in [12.0 cm]
Weight of Product
3.2 oz [92.0 g]
Packaging
Information
Package Length
8.2 in [20.8 cm]
Package Width
5.7 in [14.5 cm]
Package Height
1.6 in [41.0 mm]
Shipping (Package)
Weight
7.1 oz [202.0 g]
What's in the Box
Included in Package
4 Port PCIe USB Card
Low Profile Bracket
Driver CD
Instruction Manual
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com