Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB3S44V Datasheet (PDF) - StarTech.com Ltd.

PEXUSB3S44V Datasheet PDF - StarTech.com Ltd.
Part # PEXUSB3S44V
Download  PEXUSB3S44V Download
File Size   63.44 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card

PEXUSB3S44V Datasheet (PDF)

Go To PDF Page Download Datasheet
PEXUSB3S44V Datasheet PDF - StarTech.com Ltd.

Part # PEXUSB3S44V
Download  PEXUSB3S44V Click to download

File Size   63.44 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB 3.0 PCIe Card w/ 4 Dedicated 5Gbps Channels (USB 3.1 Gen 1) - UASP - SATA / LP4 Power - PCI Express Adapter Card

PEXUSB3S44V Datasheet (HTML) - StarTech.com Ltd.


PEXUSB3S44V Product details

Applications
• Upgrade an older PCIe-based system to USB 3.0 connectivity and UASP support to fully utilize USB 3.0 devices
• Expand the USB capabilities of your system with four external ports for connecting additional external hard drives,
CD/DVD drives, MP3 players, printers, scanners, webcams, game controllers, digital cameras, etc. to a computer
system

Features
• Provides four external, independent USB 3.0 Ports
• Supports up to 20 Gbps total transfer bandwidth - Up to 5 Gbps per port
• UASP support across all four ports
• PCIe x4 interface compliant with PCI Express 2.0 specifications
• Optional LP4 or SATA power connector provides up to 900mA per USB port
• Supports USB Battery Charging Specification 1.2 (Apple Mode only)
• Fully compliant with USB 3.0 rev 1.0 and Intel xHCI rev 1.0 specifications
• Backward compatible with USB 2.0 and USB 1.0/1.1 devices
• Includes a Low Profile/half-height installation bracket
• Hot-swap feature to connect/disconnect devices without powering down the system




Similar Part No. - PEXUSB3S44V

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB311AC3 STARTECH-PEXUSB311AC3 Datasheet
161Kb / 5P
2-Port 10Gbps USB-A & USB-C PCIe Card - USB 3.1 Gen 2 PCI Express Type C/A Host Controller Card Adapter - USB 3.2 Gen 2x1 PCIe Expansion Add-On Card - Windows, macOS, Linux
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PEXUSB312C3 STARTECH-PEXUSB312C3 Datasheet
136Kb / 4P
2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
More results


Similar Description - PEXUSB3S44V

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Tripp Lite. All Rights ...
U457-025-AG2 TRIPPLITE-U457-025-AG2 Datasheet
180Kb / 3P
USB 3.1 Gen 1 (5 Gbps) 2.5 in. SATA SSD/HDD to USB-A Enclosure Adapter with UASP Support
U438-06N-G1-W TRIPPLITE-U438-06N-G1-W Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB Type-C to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Thunderbolt??3 Compatible, White
logo
Vecow Co., Ltd.
ARS-2001M VECOW-ARS-2001M Datasheet
438Kb / 2P
4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCI
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
Future Technology Devic...
FT602Q FTDI-FT602Q Datasheet
1Mb / 28P
Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
logo
Tripp Lite. All Rights ...
U457-025-G1-WPG TRIPPLITE-U457-025-G1-WPG Datasheet
176Kb / 3P
USB-C to SATA SSD/HDD Enclosure Adapter - USB 3.1 Gen 1 (5 Gbps), Thunderbolt 3, IP66 Rated, UASP
U457-025-G2-WPB TRIPPLITE-U457-025-G2-WPB Datasheet
176Kb / 3P
USB-C to SATA SSD/HDD Enclosure Adapter - USB 3.1 Gen 2 (10 Gbps), Thunderbolt 3, IP66 Rated, UASP
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
AAEON Technology
PER-T479 AAEON-PER-T479 Datasheet
966Kb / 1P
4-Port USB 3.2 Gen 1 PCI-E [x4] Frame Grabber Card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com