Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9511/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9511/PCB Datasheet HTML 30Page - Analog Devices AD9511/PCB Datasheet HTML 31Page - Analog Devices AD9511/PCB Datasheet HTML 32Page - Analog Devices AD9511/PCB Datasheet HTML 33Page - Analog Devices AD9511/PCB Datasheet HTML 34Page - Analog Devices AD9511/PCB Datasheet HTML 35Page - Analog Devices AD9511/PCB Datasheet HTML 36Page - Analog Devices AD9511/PCB Datasheet HTML 37Page - Analog Devices AD9511/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9511
Rev. B | Page 34 of 60
Table 17. Duty Cycle and Divide Ratio
Divide Ratio
Duty Cycle (%)
4Ah to 52h
LO<7:4>
HI<3:0>
2
50
0
0
3
67
0
1
3
33
1
0
4
50
1
1
4
75
0
2
4
25
2
0
5
60
1
2
5
40
2
1
5
80
0
3
5
20
3
0
6
50
2
2
6
67
1
3
6
33
3
1
6
83
0
4
6
17
4
0
7
57
2
3
7
43
3
2
7
71
1
4
7
29
4
1
7
86
0
5
7
14
5
0
8
50
3
3
8
63
2
4
8
38
4
2
8
75
1
5
8
25
5
1
8
88
0
6
8
13
6
0
9
56
3
4
9
44
4
3
9
67
2
5
9
33
5
2
9
78
1
6
9
22
6
1
9
89
0
7
9
11
7
0
10
50
4
4
10
60
3
5
10
40
5
3
10
70
2
6
10
30
6
2
10
80
1
7
10
20
7
1
10
90
0
8
10
10
8
0
11
55
4
5
11
45
5
4
11
64
3
6
11
36
6
3
11
73
2
7
Divide Ratio
Duty Cycle (%)
4Ah to 52h
LO<7:4>
HI<3:0>
11
27
7
2
11
82
1
8
11
18
8
1
11
91
0
9
11
9
9
0
12
50
5
5
12
58
4
6
12
42
6
4
12
67
3
7
12
33
7
3
12
75
2
8
12
25
8
2
12
83
1
9
12
17
9
1
12
92
0
A
12
8
A
0
13
54
5
6
13
46
6
5
13
62
4
7
13
38
7
4
13
69
3
8
13
31
8
3
13
77
2
9
13
23
9
2
13
85
1
A
13
15
A
1
13
92
0
B
13
8
B
0
14
50
6
6
14
57
5
7
14
43
7
5
14
64
4
8
14
36
8
4
14
71
3
9
14
29
9
3
14
79
2
A
14
21
A
2
14
86
1
B
14
14
B
1
14
93
0
C
14
7
C
0
15
53
6
7
15
47
7
6
15
60
5
8
15
40
8
5
15
67
4
9
15
33
9
4
15
73
3
A
15
27
A
3
15
80
2
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com