Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511/PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD9511/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511/PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9511/PCB Datasheet HTML 36Page - Analog Devices AD9511/PCB Datasheet HTML 37Page - Analog Devices AD9511/PCB Datasheet HTML 38Page - Analog Devices AD9511/PCB Datasheet HTML 39Page - Analog Devices AD9511/PCB Datasheet HTML 40Page - Analog Devices AD9511/PCB Datasheet HTML 41Page - Analog Devices AD9511/PCB Datasheet HTML 42Page - Analog Devices AD9511/PCB Datasheet HTML 43Page - Analog Devices AD9511/PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
AD9511
Rev. B | Page 40 of 60
RESET MODES
The AD9511 has several ways to force the chip into a reset
condition.
Power-On Reset—Start-Up Conditions when VS is
Applied
A power-on reset (POR) is issued when the VS power supply is
turned on. This initializes the chip to the power-on conditions
that are determined by the default register settings. These are
indicated in the default value column of Table 23.
Asynchronous Reset via the FUNCTION Pin
As mentioned in the FUNCTION Pin section, a hard reset,
RESETB: 58h<6:5> = 00b (Default), restores the chip to the
default settings.
Soft Reset via the Serial Port
The serial control port allows a soft reset by writing to
Register 00h<5> = 1b. When this bit is set, the chip executes a
soft reset. This restores the default values to the internal
registers, except for Register 00h itself.
This bit is not self-clearing. The bit must be written to
00h<5> = 0b for the operation of the part to continue.
SINGLE-CHIP SYNCHRONIZATION
SYNCB—Hardware SYNC
The AD9511 clocks can be synchronized to each other at any
time. The outputs of the clocks are forced into a known state
with respect to each other and then allowed to continue
clocking from that state in synchronicity. Before a
synchronization is done, the FUNCTION Pin must be set as the
SYNCB: 58h<6:5> = 01b input (58h<6:5> = 01b).
Synchronization is done by forcing the FUNCTION pin low,
creating a SYNCB signal and then releasing it.
See the SYNCB: 58h<6:5> = 01b section for a more detailed
description of what happens when the SYNCB: 58h<6:5> = 01b
signal is issued.
Soft SYNC—Register 58h<2>
A soft SYNC may be issued by means of a bit in the Register
58h<2>. This soft SYNC works the same as the SYNCB, except
that the polarity is reversed. A 1 written to this bit forces the
clock outputs into a known state with respect to each other.
When a 0 is subsequently written to this bit, the clock outputs
continue clocking from that state in synchronicity.
MULTICHIP SYNCHRONIZATION
The AD9511 provides a means of synchronizing two or more
AD9511s. This is not an active synchronization; it requires user
monitoring and action. The arrangement of two AD9511s to be
synchronized is shown in Figure 43.
Synchronization of two or more AD9511s requires a fast clock
and a slow clock. The fast clock can be up to 1 GHz and may be
the clock driving the master AD9511 CLK1 input or one of the
outputs of the master. The fast clock acts as the input to the
distribution section of the slave AD9511 and is connected to its
CLK1 input. The PLL may be used on the master, but the slave
PLL is not used.
The slow clock is the clock that is synchronized across the two
chips. This clock must be no faster than one-fourth of the fast
clock, and no greater than 250 MHz. The slow clock is taken
from one of the outputs of the master AD9511 and acts as the
REFIN (or CLK2) input to the slave AD9511. One of the
outputs of the slave must provide this same frequency back to
the CLK2 (or REFIN) input of the slave.
Multichip synchronization is enabled by writing to Register
58h<0> = 1b on the slave AD9511. When this bit is set, the
STATUS pin becomes the output for the SYNC signal. A low
signal indicates an in-sync condition, and a high indicates an
out-of-sync condition.
Register 58h<1> selects the number of fast clock cycles that are
the maximum separation of the slow clock edges that are
considered synchronized. When 58h<1> = 0b (default), the
slow clock edges must be coincident within 1 to 1.5 high speed
clock cycles. If the coincidence of the slow clock edges is closer
than this amount, the SYNC flag stays low. If the coincidence of
the slow clock edges is greater than this amount, the SYNC flag
is set high. When Register 58h<1> = 1b, the amount of
coincidence required is 0.5 fast clock cycles to 1 fast clock
cycles.
Whenever the SYNC flag is set (high), indicating an out-of-
sync condition, a SYNCB signal applied simultaneously at the
FUNCTION pins of both AD9511s brings the slow clocks into
synchronization.
AD9511
MASTER
FAST CLOCK
<1GHz
SLOW CLOCK
<250MHz
AD9511
SLAVE
FAST CLOCK
<1GHz
SLOW
CLOCK
<250MHz
SYNC
DETECT
CLK2
REFIN
OUTY
OUTM
OUTN
FSYNC
FSYNC
STATUS
(SYNC)
FUNCTION
(SYNCB)
FUNCTION
(SYNCB)
SYNCB
CLK1
Figure 43. Multichip Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com