Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9511/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9511/PCB Datasheet HTML 13Page - Analog Devices AD9511/PCB Datasheet HTML 14Page - Analog Devices AD9511/PCB Datasheet HTML 15Page - Analog Devices AD9511/PCB Datasheet HTML 16Page - Analog Devices AD9511/PCB Datasheet HTML 17Page - Analog Devices AD9511/PCB Datasheet HTML 18Page - Analog Devices AD9511/PCB Datasheet HTML 19Page - Analog Devices AD9511/PCB Datasheet HTML 20Page - Analog Devices AD9511/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
AD9511
Rev. B | Page 17 of 60
TIMING DIAGRAMS
CLK1
tCMOS
tCLK1
tLVDS
tPECL
Figure 2. CLK1/CLK1B to Clock Output Timing, DIV = 1 Mode
DIFFERENTIAL
LVPECL
80%
20%
tRP
tFP
Figure 3. LVPECL Timing, Differential
DIFFERENTIAL
LVDS
80%
20%
tRL
tFL
Figure 4. LVDS Timing, Differential
SINGLE-ENDED
CMOS
3pF LOAD
80%
20%
tRC
tFC
Figure 5. CMOS Timing, Single-Ended, 3 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com