Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9511/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9511/PCB Datasheet HTML 34Page - Analog Devices AD9511/PCB Datasheet HTML 35Page - Analog Devices AD9511/PCB Datasheet HTML 36Page - Analog Devices AD9511/PCB Datasheet HTML 37Page - Analog Devices AD9511/PCB Datasheet HTML 38Page - Analog Devices AD9511/PCB Datasheet HTML 39Page - Analog Devices AD9511/PCB Datasheet HTML 40Page - Analog Devices AD9511/PCB Datasheet HTML 41Page - Analog Devices AD9511/PCB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
AD9511
Rev. B | Page 38 of 60
DIV = 18
Unique Phase Offsets Are Phase = 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10,
11, 12, 13, 14, 15, 16, 17
Phase offsets may be related to degrees by calculating the phase
step for a particular divide ratio:
Phase Step = 360°/(Divide Ratio) = 360°/DIV
Using some of the same examples,
DIV = 4
Phase Step = 360°/4 = 90°
Unique Phase Offsets in Degrees Are Phase = 0°, 90°,
180°, 270°
DIV = 7
Phase Step = 360°/7 = 51.43°
Unique Phase Offsets in Degrees Are Phase = 0°, 51.43°,
102.86°, 154.29°, 205.71°, 257.15°, 308.57°
DELAY BLOCK
OUT4 (LVDS/CMOS) includes an analog delay element that
can be programmed (Register 34h to Register 36h) to give
variable time delays (ΔT) in the clock signal passing through
that output.
T
FINE DELAY ADJUST
(32 STEPS)
FULL-SCALE: 1ns TO 10ns
OUT4 ONLY
CLOCK INPUT
N
SELECT
LVDS
CMOS
OUTPUT
DRIVER
Figure 40. Analog Delay (OUT4)
The amount of delay that can be used is determined by the
frequency of the clock being delayed. The amount of delay can
approach one-half cycle of the clock period. For example, for a
10 MHz clock, the delay can extend to the full 10 ns maximum
of which the delay element is capable. However, for a 100 MHz
clock (with 50% duty cycle), the maximum delay is less than
5 ns (or half of the period).
OUT4 allows a full-scale delay in the range 1 ns to 10 ns. The
full-scale delay is selected by choosing a combination of ramp
current and the number of capacitors by writing the
appropriate values into Register 35h. There are 32 fine delay
settings for each full scale, set by Register 36h.
This path adds some jitter greater than that specified for the
nondelay outputs. This means that the delay function should be
used primarily for clocking digital chips, such as FPGA, ASIC,
DUC, and DDC, rather than for data converters. The jitter is
higher for long full scales (~10 ns). This is because the delay
block uses a ramp and trip points to create the variable delay. A
longer ramp means more noise may be introduced.
Calculating the Delay
The following values and equations are used to calculate the
delay of the delay block.
Value of Ramp Current Control Bits (Register 35h or Register
39h <2:0>) = Iramp_bits
IRAMP (μA) = 200 × (Iramp_bits + 1)
No. of Caps = No. of 0s + 1 in Ramp Control Capacitor
(Register 35h or Register 39h <5:3>), that is, 101 = 1 + 1 = 2; 110
= 2; 100 = 2 + 1 = 3; 001 = 2 + 1 = 3; 111 = 0 + 1 = 1)
Delay_Range (ns) = 200 × [(No. of Caps + 3)/(IRAMP)] × 1.3286


6
1
10
1600
0.34
ns
4


RAMP
RAMP
I
Caps
of
No.
I
Offset
Delay_Full_Scale (ns) = Delay_Range + Offset
Fine_Adj = Value of Delay Fine Adjust (Register 36h or
Register 3Ah <5:1>), that is, 11111 = 31
Delay (ns) = Offset + Delay_Range × Fine_adj × (1/31)
OUTPUTS
The AD9511 offers three different output level choices:
LVPECL, LVDS, and CMOS. OUT0 to OUT2 are LVPECL
only. OUT3 and OUT4 can be selected as either LVDS or
CMOS. Each output can be enabled or turned off as needed to
save power.
The simplified equivalent circuit of the LVPECL outputs is
shown in Figure 41.
3.3V
OUT
OUTB
GND
Figure 41. LVPECL Output Simplified Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com