Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9511/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9511/PCB Datasheet HTML 8Page - Analog Devices AD9511/PCB Datasheet HTML 9Page - Analog Devices AD9511/PCB Datasheet HTML 10Page - Analog Devices AD9511/PCB Datasheet HTML 11Page - Analog Devices AD9511/PCB Datasheet HTML 12Page - Analog Devices AD9511/PCB Datasheet HTML 13Page - Analog Devices AD9511/PCB Datasheet HTML 14Page - Analog Devices AD9511/PCB Datasheet HTML 15Page - Analog Devices AD9511/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
AD9511
Rev. B | Page 12 of 60
CLOCK OUTPUT ADDITIVE TIME JITTER
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution Section only; does not
include PLL or external VCO/VCXO
CLK1 = 622.08 MHz
40
fs rms
BW = 12 kHz − 20 MHz (OC-12)
Any LVPECL (OUT0 to OUT2) = 622.08 MHz
Divide Ratio = 1
CLK1 = 622.08 MHz
55
fs rms
BW = 12 kHz − 20 MHz (OC-3)
Any LVPECL (OUT0 to OUT2) = 155.52 MHz
Divide Ratio = 4
CLK1 = 400 MHz
215
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any LVPECL (OUT0 to OUT2) = 100 MHz
Divide Ratio = 4
CLK1 = 400 MHz
215
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any LVPECL (OUT0 to OUT2) = 100 MHz
Divide Ratio = 4
Other LVPECL = 100 MHz
Interferer(s)
Both LVDS (OUT3, OUT4) = 100 MHz
Interferer(s)
CLK1 = 400 MHz
222
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any LVPECL (OUT0 to OUT2) = 100 MHz
Divide Ratio = 4
Other LVPECL = 50 MHz
Interferer(s)
Both LVDS (OUT3, OUT4) = 50 MHz
Interferer(s)
CLK1 = 400 MHz
225
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any LVPECL (OUT0 to OUT2) = 100 MHz
Divide Ratio = 4
Other LVPECL = 50 MHz
Interferer(s)
Both CMOS (OUT3, OUT4) = 50 MHz (B Outputs Off)
Interferer(s)
CLK1 = 400 MHz
225
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
Any LVPECL (OUT0 to OUT2) = 100 MHz
Divide Ratio = 4
Other LVPECL = 50 MHz
Interferer(s)
Both CMOS (OUT3, OUT4) = 50 MHz (B Outputs On)
Interferer(s)
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution Section only; does not
include PLL or external VCO/VCXO
CLK1 = 400 MHz
264
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
LVDS (OUT3) = 100 MHz
Divide Ratio = 4
CLK1 = 400 MHz
319
fs rms
Calculated from SNR of ADC method;
FC = 100 MHz with AIN = 170 MHz
LVDS (OUT4) = 100 MHz
Divide Ratio = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com