Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201ASRZ-EP Datasheet(PDF) 3 Page - Analog Devices

Part # ADG201ASRZ-EP
Description  LC2MOS Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201ASRZ-EP Datasheet(HTML) 3 Page - Analog Devices

  ADG201ASRZ-EP Datasheet HTML 1Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 2Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 3Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 4Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 5Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 6Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 7Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADG201A-EP
Rev. 0 | Page 3 of 8
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V. All specifications −55°C to +125°C, unless otherwise noted.
Table 2.
Parameter
+25°C
−55°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
±15
±15
V
On Resistance (RON)
60
Ω typ
−10 V ≤ VS ≤ +10 V, IDS = 1 mA; see Figure 3
90
145
Ω max
RON vs. VD(VS)
20
% typ
RON Drift
0.5
%/°C typ
RON Match
5
% typ
VS = 0 V, IDS = 1 mA
LEAKAGE CURRENTS
Source Off Leakage, IS (Off)
±0.5
nA typ
VD = ±14 V, VS =
∓14V;seeFigure4
±2.0
±100
nA max
Drain Off Leakage, ID (Off)
±0.5
nA typ
VD = ±14 V, VS =
∓14V;seeFigure4
±2.0
±100
nA max
Channel On Leakage, ID, IS (On)
±0.5
nA typ
VD = ±14 V; see Figure 5
±2.0
±200
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
1
μA max
DYNAMIC CHARACTERISTICS
tOPEN
30
ns typ
See Figure 6
tON 1
300
ns max
See Figure 6
tOFF1
250
ns max
See Figure 6
Off Isolation
80
dB typ
VS = 10 V p-p, f = 100 kHz, RL = 75 Ω; see Figure 8
Channel-to-Channel Crosstalk
80
dB typ
See Figure 9
CS (Off)
5
pF typ
CD (Off)
5
pF typ
CD, CS (On)
16
pF typ
CIN Digital input Capacitance
5
pF typ
QINJ Charge Injection
20
pC typ
RS = 0 Ω, CL = 1000 pF, VS = 0 V; see Figure 7
POWER SUPPLY
IDD
0.6
mA typ
Digital inputs= VINL or VINH
2
mA max
ISS
0.1
mA typ
0.2
mA max
Power Dissipation
33
mW max
1
Sample tested at 25°C to ensure compliance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com