Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201ASRZ-EP Datasheet(PDF) 6 Page - Analog Devices

Part # ADG201ASRZ-EP
Description  LC2MOS Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201ASRZ-EP Datasheet(HTML) 6 Page - Analog Devices

  ADG201ASRZ-EP Datasheet HTML 1Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 2Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 3Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 4Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 5Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 6Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 7Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG201A-EP
Rev. 0 | Page 6 of 8
TEST CIRCUITS
IDS
V1
S
VS
RON = V1/IDS
D
S
D
VD
VS
ID (OFF)
IS (OFF)
A
A
S
D
VD
ID (ON)
NC
A
Figure 3. On Resistance
Figure 4. Off Leakage
Figure 5. On Leakage
+15V
–15V
VDD
2V
GND
VSS
14pF
VO
330
Ω
D
S
IN
ADG201A-EP
50%
50%
VIN
VO
3V
90%
90%
tON
tOFF
Figure 6. Switching Times
15V
–15V
VDD
VS
GND
VSS
VO
D
S
IN
VIN
VO
5V
C1
1µF
VIN
AD711
ΔVO
RS
QINJ = CL × ΔVO
Figure 7. Charge Injection
+15V
–15V
VDD
VS
GND
VSS
VO
D
S
VIN
RL
75
Ω
ADG201A-EP VIN = 5V
OFF ISOLATION =
20 × LOG (VS/VO)
15V
–15V
VDD
VS
GND
VSS
VO
D
D
S
S
VIN
RL
75
Ω
VIN
NC
75
Ω
ADG201A-EP VIN = 0V
CHANNEL-TO-CHANNEL CROSSTALK =
20 × LOG (VS/VO)
Figure 8. Off Isolation
Figure 9. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com