Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201ASRZ-EP Datasheet(PDF) 5 Page - Analog Devices

Part # ADG201ASRZ-EP
Description  LC2MOS Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201ASRZ-EP Datasheet(HTML) 5 Page - Analog Devices

  ADG201ASRZ-EP Datasheet HTML 1Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 2Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 3Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 4Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 5Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 6Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 7Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG201A-EP
Rev. 0 | Page 5 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN1
1
D1
2
S1
3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND
5
NC
12
S4
6
S3
11
D4
7
D3
10
IN4
8
IN3
9
NC = NO CONNECT
ADG201A-EP
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Logic Control Input.
2
D1
Drain Terminal. Can be an input or output.
3
S1
Source Terminal. Can be an input or output.
4
VSS
Most Negative Power Supply. This pin is used in dual-supply applications only and should be tied to
ground in single-supply applications.
5
GND
Ground (0 V) Reference.
6
S4
Source Terminal. Can be an input or output.
7
D4
Drain Terminal. Can be an input or output.
8
IN4
Logic Control Input.
9
IN3
Logic Control Input.
10
D3
Drain Terminal. Can be an input or output.
11
S3
Source Terminal. Can be an input or output.
12
NC
No Connect. Not internally connected.
13
VDD
Most Positive Power Supply.
14
S2
Source Terminal. Can be an input or output.
15
D2
Drain Terminal. Can be an input or output.
16
IN2
Logic Control Input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com