Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201ASRZ-EP Datasheet(PDF) 1 Page - Analog Devices

Part # ADG201ASRZ-EP
Description  LC2MOS Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201ASRZ-EP Datasheet(HTML) 1 Page - Analog Devices

  ADG201ASRZ-EP Datasheet HTML 1Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 2Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 3Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 4Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 5Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 6Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 7Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LC2MOS
Quad SPST Switches
ADG201A-EP
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum rating
±15 V analog signal range
Low RON (60 Ω)
Low leakage (0.5 nA)
Break before make switching
Low power dissipation
Available in a 16-lead SOIC package
Replaces DG201A, HI-201
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications
(AQEC standard)
Military temperature range: −55°C to +125°C
Controlled manufacturing baseline
One assembly and test site
One fabrication site
Enhanced product change notification
Qualification data available on request
FUNCTIONAL BLOCK DIAGRAM
ADG201A-EP
IN1
IN2
IN3
IN4
NOTES
1. SWITCHES SHOWN FOR A LOGIC1 INPUT.
S1
D1
S2
D2
S3
D4
S4
D3
Figure 1.
GENERAL DESCRIPTION
The ADG201A-EP is a monolithic CMOS device comprising
four independently selectable switches. They are designed on an
enhanced LC2MOS process, which gives an increased signal
handling capability of ±15 V. These switches also feature high
switching speeds and low RON.
The ADG201A-EP exhibits break before make switching action.
Inherent in the design is low charge injection for minimum
transients when switching the digital inputs.
Full details about this enhanced product are available in the
ADG201A data sheet, which should be consulted in conjunc-
tion with this data sheet.
PRODUCT HIGHLIGHTS
1. Extended signal range of ±15 V.
2. Operates with 15 V single supply voltages.
3. Low leakage: 500 pA.
Table 1. Truth Table
INx
Switch Condition
0
On
1
Off


Similar Part No. - ADG201ASRZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG201A AD-ADG201A Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG201ABQ AD-ADG201ABQ Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG201ABQ AD-ADG201ABQ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG201ABQ AD-ADG201ABQ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results

Similar Description - ADG201ASRZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG211A AD-ADG211A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG441 AD-ADG441 Datasheet
323Kb / 9P
LC2MOS Quad SPST Switches
REV.0
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com