Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG201ASRZ-EP Datasheet(PDF) 4 Page - Analog Devices

Part # ADG201ASRZ-EP
Description  LC2MOS Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG201ASRZ-EP Datasheet(HTML) 4 Page - Analog Devices

  ADG201ASRZ-EP Datasheet HTML 1Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 2Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 3Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 4Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 5Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 6Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 7Page - Analog Devices ADG201ASRZ-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG201A-EP
Rev. 0 | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
25 V
VSS to GND
−25 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs1
VSS − 2 V to VDD + 2 V or 20 mA
(whichever occurs first)
Pulsed Current, S or D
70 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, S or D
30 mA
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
Up to +75°C
470 mW
Derates above +75°C by
6 mW/°C
Lead Soldering
Reflow, Peak Temperature
260 (+0/−5)°C
Time at Peak Temperature
20 sec to 40 sec
1
Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at a time.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com