Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ARDZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1708ARDZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ARDZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1708ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
THEORY OF OPERATION
analog.com
Rev. B | 13 of 19
where:
R1 is the resistor from OUT to ADJ.
R2 is the resistor from ADJ to GND.
The maximum bias current into ADJ is 100 nA, so for less than
0.5% error due to the bias current, use values less than 60 kΩ for
R2.
TRACK MODE (ADP1707)
The ADP1707 includes a tracking mode feature. As shown in Fig-
ure 30, if the voltage applied at the TRK pin is less than the nominal
output voltage, OUT is equal to the voltage at TRK. Otherwise,
OUT regulates to its nominal output value.
Figure 30. ADP1707 Output Voltage vs. Tracking Voltage
For example, consider an ADP1707 with a nominal output voltage
of 3.3 V. If the voltage applied to its TRK pin is greater than 3.3
V, OUT maintains a nominal output voltage of 3.3 V. If the voltage
applied to TRK is reduced below 3.3 V, OUT tracks this voltage.
OUT can track the TRK pin voltage from the nominal value all the
way down to 0 V. A voltage divider is present from TRK to the error
amplifier input with a divider ratio equal to the divider from OUT
to the error amplifier, which sets the output voltage equal to the
tracking voltage. Both divider ratios are set by postpackage trim,
depending on the desired output voltage.
ENABLE FEATURE
The ADP1706/ADP1707/ADP1708 use the EN pin to enable and
disable the OUT pin under normal operating conditions. As shown
in Figure 31, when a rising voltage on EN crosses the active
threshold, OUT turns on. When a falling voltage on EN crosses the
inactive threshold, OUT turns off.
Figure 31. ADP1706 Typical EN Pin Operation
As shown in Figure 31, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the EN
pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the IN
voltage. Therefore, these thresholds vary when changing the input
voltage. Figure 32 shows typical EN active/inactive thresholds when
the input voltage varies from 2.5 V to 5.5 V.
Figure 32. Typical EN Pin Thresholds vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com