Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ARDZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1708ARDZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ARDZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1708ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
APPLICATIONS INFORMATION
analog.com
Rev. B | 14 of 19
CAPACITOR SELECTION
Output Capacitor
The ADP1706/ADP1707/ADP1708 are designed for operation with
small, space-saving ceramic capacitors, but they function with most
commonly used capacitors as long as care is taken with the
effective series resistance (ESR) value. The ESR of the output
capacitor affects stability of the LDO control loop. A minimum of 4.7
µF capacitance with an ESR of 500 mΩ or less is recommended
to ensure stability of the ADP1706/ADP1707/ADP1708. Transient
response to changes in load current is also affected by output
capacitance. Using a larger value of output capacitance improves
the transient response of the ADP1706/ADP1707/ADP1708 to large
changes in load current. Figure 33 and Figure 34 show the transient
responses for output capacitance values of 4.7 µF and 22 µF,
respectively.
Figure 33. Output Transient Response, COUT = 4.7 µF
Figure 34. Output Transient Response, COUT = 22 µF
Input Bypass Capacitor
Connecting a 4.7 µF capacitor from the IN pin to GND reduces the
circuit sensitivity to the printed circuit board (PCB) layout, especially
when long input traces, or high source impedance, is encountered.
If greater than 4.7 µF of output capacitance is required, it is
recommended that the input capacitor be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP1706/ADP1707/ADP1708, as long as they meet the minimum
capacitance and maximum ESR requirements. Ceramic capacitors
are manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. Capacitors must
have a dielectric adequate to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions. X5R
or X7R dielectrics with a voltage rating of 6.3 V or 10 V are
recommended. Y5V and Z5U dielectrics are not recommended, due
to their poor temperature and dc bias characteristics.
VOLTAGE TRACKING APPLICATIONS
Figure 35. Voltage Tracking Feature Using the ADP1707
Figure 35 shows an application where the ADP1707 tracking fea-
ture is used. An ADP1706 powers the input/output of a microproc-
essor and an ADP1707 powers the core. At startup, the output of
the ADP1706 ramps to 2.5 V, which is divided down via a voltage
divider (R1 and R2) to a lower voltage at the TRK pin of the
ADP1707. The output of the ADP1707 thus follows the TRK pin and
ramps up steadily to 1.2 V. This implementation ensures that the
core of the processor powers up after the input/output.
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1706/ADP1707/ADP1708 are protected against damage
due to excessive power dissipation by current and thermal overload
protection circuits. The ADP1706/ADP1707/ADP1708 are designed
to reach current limit when the output load reaches 1.5 A (typical).
When the output load exceeds 1.5 A, the output voltage is reduced
to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature starts to rise above 150°C, the
output is turned off, reducing the output current to zero. When
the junction temperature drops below 135°C (typical), the output is
turned on again and output current is restored to its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com