Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ARDZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1708ARDZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ARDZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1708ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
APPLICATIONS INFORMATION
analog.com
Rev. B | 16 of 19
Figure 38. 0 mm2 of PCB Copper, TA = 25°C, SOIC
Figure 39. 500 mm2 of PCB Copper, TA = 25°C, LFCSP
Figure 40. 100 mm2 of PCB Copper, TA = 25°C, LFCSP
Figure 41. 0 mm2 of PCB Copper, TA = 25°C, LFCSP
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increas-
ing the amount of copper attached to the pins of the ADP1706/
ADP1707/ADP1708. However, as can be seen from Table 7, a
point of diminishing returns is eventually reached, beyond which
an increase in the copper size does not yield significant heat
dissipation benefits.
The ADP1706/ADP1707/ADP1708 feature an exposed pad on the
bottom of both the SOIC and LFCSP packages to improve thermal
performance. Because the exposed pad is electrically connected
to GND inside the package, it is recommended that it also be
connected to the ground plane on the PCB with a sufficient amount
of copper.
Here are a few general tips when designing PCBs:
►
Place the input capacitor as close as possible to the IN and GND
pins.
►
Place the output capacitor as close as possible to the OUT and
GND pins.
►
For the ADP1706, place the soft start capacitor as close as
possible to the SS pin.
►
Connect the load as close as possible to the OUT and SENSE
pins.
Use of 0402 or 0603 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com