Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ARDZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1708ARDZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ARDZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1708ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
OUTLINE DIMENSIONS
analog.com
Rev. B | 18 of 19
Figure 43. 8-Lead Standard Small Outline Package, with Exposed Pad [SOIC_N_EP]
Narrow Body
(RD-8-1)
Dimensions shown in millimeters
Figure 44. 8-Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-13)
Dimensions shown in millimeters
Updated: June 23, 2022
ORDERING GUIDE
Table 8.
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP1706ACPZ-1.05R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L67
ADP1706ACPZ-1.2-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L6A
ADP1706ACPZ-1.3-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L6C
ADP1706ACPZ-1.5-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L6D
ADP1706ACPZ-2.5-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L6E
ADP1706ACPZ-3.3-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L6G
ADP1706ARDZ-1.15R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com