Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ARDZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1708ARDZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ARDZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1708ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADP1708ARDZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
OUTLINE DIMENSIONS
©2007-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 19 of 19
Table 8.
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP1706ARDZ-1.2-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-1.3-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-1.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-1.8-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-2.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-3.0-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1706ARDZ-3.3-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1707ACPZ-1.8-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L71
ADP1707ACPZ-3.3-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L74
ADP1707ARDZ-1.2-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1707ARDZ-1.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1707ARDZ-1.8-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1707ARDZ-2.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1707ARDZ-3.3-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADP1708ACPZ-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
L7P
ADP1708ARDZ-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
1 Z = RoHS Compliant Part.
OUTPUT VOLTAGE OPTIONS
Table 9. Output Voltage Options
Model1
Output Voltage (V)
ADP1706ACPZ-1.05R7
1.05
ADP1706ARDZ-1.15R7
1.15
ADP1706ARDZ-1.2-R7, ADP1706ACPZ-1.2-R7, ADP1707ARDZ-1.2-R7
1.2
ADP1706ARDZ-1.3-R7, ADP1706ACPZ-1.3-R7
1.3
ADP1706ARDZ-1.5-R7, ADP1706ACPZ-1.5-R7, ADP1707ARDZ-1.5-R7
1.5
ADP1706ARDZ-1.8-R7, ADP1707ARDZ-1.8-R7, ADP1707ACPZ-1.8-R7
1.8
ADP1706ARDZ-2.5-R7, ADP1706ACPZ-2.5-R7, ADP1707ARDZ-2.5-R7
2.5
ADP1706ARDZ-3.0-R7
3.0
ADP1706ARDZ-3.3-R7, ADP1706ACPZ-3.3-R7, ADP1707ARDZ-3.3-R7, ADP1707ACPZ-3.3-R7
3.3
ADP1708ARDZ-R7, ADP1708ACPZ-R7
0.8 to 5.0
ADP1706-3.3-EVALZ
3.3
ADP1707-3.3-EVALZ
3.3
ADP1708-EVALZ
Adjustable, but set to 1.6 V
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADP1706-3.3-EVALZ
Evaluation Board
ADP1707-3.3-EVALZ
Evaluation Board
ADP1708-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com