Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 2Page - Analog Devices ADV7181CBSTZ Datasheet HTML 3Page - Analog Devices ADV7181CBSTZ Datasheet HTML 4Page - Analog Devices ADV7181CBSTZ Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7181C
Data Sheet
Rev. E | Page 6 of 20
TIMING CHARACTERISTICS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. TMIN to TMAX = −40°C to +85°C,
unless otherwise noted.
Table 3.
Parameter1, 2
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Crystal Nominal Frequency
28.63636
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
14.8
110
kHz
LLC Frequency Range
12.825
110
MHz
I2C PORT3
SCLK Frequency
400
kHz
SCLK Minimum Pulse Width High
t
1
0.6
µs
SCLK Minimum Pulse Width Low
t
2
1.3
µs
Hold Time (Start Condition)
t
3
0.6
µs
Setup Time (Start Condition)
t
4
0.6
µs
SDA Setup Time
t
5
100
ns
SCLK and SDA Rise Time
t
6
300
ns
SCLK and SDA Fall Time
t
7
300
ns
Setup Time for Stop Condition
t
8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t
9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS
Data Output Transition Time SDR (SDP)4
t
11
Negative clock edge
to start of valid data
3.6
ns
Data Output Transition Time SDR (SDP)4
t
12
End of valid data to
negative clock edge
2.4
ns
Data Output Transition Time SDR (CP)5
t
13
End of valid data to
negative clock edge
2.8
ns
Data Output Transition Time SDR (CP)5
t
14
Negative clock edge
to start of valid data
0.1
ns
Data Output Transition Time DDR (CP)5, 6
t
15
Positive clock edge
to end of valid data
1.9
ns
Data Output Transition Time DDR (CP)5, 6
t
16
Start of valid data to
positive clock edge
1.7
ns
Data Output Transition Time DDR (CP)5, 6
t
17
Negative clock edge
to end of valid data
1.4
ns
Data Output Transition Time DDR (CP)5, 6
t
18
Start of valid data to
negative clock edge
1.7
ns
1 The minimum/maximum specifications are guaranteed over this range.
2 Guaranteed by characterization.
3 TTL input values are 0 V to 3 V, with rise/fall times of ≤3 ns, measured between the 10% and 90% points.
4 SDP timing figures obtained using default drive strength value (0xD5) in Register Subaddress 0xF4.
5 CP timing figures obtained using maximum drive strength value (0x3F) in Register Subaddress 0xF4.
6 Guaranteed by characterization up to 75 MHz pixel clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com