Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7181CBSTZ Datasheet HTML 1Page - Analog Devices ADV7181CBSTZ Datasheet HTML 2Page - Analog Devices ADV7181CBSTZ Datasheet HTML 3Page - Analog Devices ADV7181CBSTZ Datasheet HTML 4Page - Analog Devices ADV7181CBSTZ Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, Integrated, Multiformat SDTV/HDTV
Video Decoder and RGB Graphics Digitizer
Data Sheet
ADV7181C
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Four 10-bit ADCs sampling up to 110 MHz
6 analog input channels
SCART fast blank support
Internal antialias filters
NTSC, PAL, and SECAM color standards support
525p/625p component progressive scan support
720p/1080i component HDTV support
Digitizes RGB graphics up to 1024 × 768 at 70 Hz (XGA)
3 × 3 color space conversion matrix
Industrial temperature range: −40°C to +85°C
12-bit 4:4:4 DDR, 8-/10-/16-/20-bit SDR pixel output interface
Programmable interrupt request output pin
Small package
Low pin count
Single front end for video and graphics
VBI data slicer (including teletext)
Qualified for automotive applications
APPLICATIONS
Automotive entertainment
HDTVs
LCD/DLP projectors
HDTV STBs with PVR
DVD recorders with progressive scan input support
AVR receivers
GENERAL DESCRIPTION
The ADV7181C is a high quality, single-chip, multiformat video
decoder and graphics digitizer. This multiformat decoder supports
the conversion of PAL, NTSC, and SECAM standards in the
form of composite or S-Video into a digital ITU-R BT.656 format.
The ADV7181C also supports the decoding of a component
RGB/YPrPb video signal into a digital YCrCb or RGB pixel output
stream. The support for component video includes standards
such as 525i, 625i, 525p, 625p, 720p, 1080i, and many other HD
and SMPTE standards. Graphics digitization is also supported by
the ADV7181C; it is capable of digitizing RGB graphics signals
from VGA to XGA rates and converting them into a digital
DDR RGB or YCrCb pixel output stream. SCART and overlay
functionality are enabled by the ability of the ADV7181C to
process simultaneously CVBS and standard definition RGB
signals. The mixing of these signals is controlled by the fast
blank pin.
The ADV7181C contains two main processing sections. The
first section is the standard definition processor (SDP), which
processes all PAL, NTSC, and SECAM signal types. The second
section is the component processor (CP), which processes YPrPb
and RGB component formats, including RGB graphics.
Note that the ADV7181C has unique software and hardware
configuration requirements. See Page 19 of this data sheet for
more information.


Similar Part No. - ADV7181CBSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181CBSTZ AD-ADV7181CBSTZ Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBSTZ-REEL AD-ADV7181CBSTZ-REEL Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results

Similar Description - ADV7181CBSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
9/05-Rev. Sp 0 to Rev. SpA
AD9388A AD-AD9388A Datasheet
638Kb / 28P
10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com